Electronic Components Datasheet Search
  English  ▼

X  

SP485R Datasheet(PDF) 3 Page - Exar Corporation

Part # SP485R
Description  1/10th Unit Load RS-485 Transceiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP485R Datasheet(HTML) 3 Page - Exar Corporation

  SP485R Datasheet HTML 1Page - Exar Corporation SP485R Datasheet HTML 2Page - Exar Corporation SP485R Datasheet HTML 3Page - Exar Corporation SP485R Datasheet HTML 4Page - Exar Corporation SP485R Datasheet HTML 5Page - Exar Corporation SP485R Datasheet HTML 6Page - Exar Corporation SP485R Datasheet HTML 7Page - Exar Corporation SP485R Datasheet HTML 8Page - Exar Corporation SP485R Datasheet HTML 9Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP485R_00_072309
PARAMETERS
MIN.
TYP.
MAX.
UNITS CONDITIONS
RS-485 RECEIVER DC Characteristics (continued)
Common Mode Range
-7.0
+2.0
Volts
Receiver Sensitivity
+/-0.2
Volts
-7V ≤ V
CM ≤ +12V
Input Impedance
20
50
kΩ
-7V ≤ V
CM ≤ +12V
RS-485 RECEIVER AC Characteristics
Maximum Data Rate

Mbps
Propagation Delay; t
PHL
200
ns
See Figures 4 & 8, R
DIFF = 54Ω,
C
L = CL2 = 00pF
Propagation Delay; t
PLH
200
ns
See Figures 4 & 8, R
DIFF = 54Ω,
C
L = CL2 = 00pF
Differential Receiver Skew
60
ns
See Figures 4 & 8, R
DIFF = 54Ω,
C
L = CL2 = 00pF,
t
SKEW = |tPHL - tPLH|
RS-485 DRIVER Enable / Disable Time
Driver Enable to Output Low
40
500
ns
C
L = 5pF, see Figures 5 and 7,
S
 closed
Driver Enable to Output High
40
500
ns
C
L = 5pF, see Figures 5 and 7,
S
2 closed
Driver Disable Time from Low
40
500
ns
C
L = 5pF, see Figures 5 and 7,
S
 closed
Driver Disable Time from High
40
500
ns
C
L = 5pF, see Figures 5 and 7,
S
2 closed
RS-485 RECEIVER Enable / Disable Time
Receiver Enable to Output Low
40
500
ns
C
L = 5pF, see Figures 3 and 9,
S
 closed
Receiver Enable to Output High
40
500
ns
C
L = 5pF, see Figures 3 and 9,
S
2 closed
Receiver Disable from Low
40
500
ns
C
L = 5pF, see Figures 3 and 9,
S
 closed
Receiver Disable from High
40
500
ns
C
L = 5pF, see Figures 3 and 9,
S
 closed
POWER REQUIREMENTS
Supply Voltage V
CC
+4.75
+5.25
Volts
Supply Current I
CC, No Load
300
500
µA
RE = Vcc or 0V, DE = 0V
Supply Current I
CC, No Load
500
900
µA
RE = Vcc or 0V, DE = Vcc
ENVIRONMENTAL
Operating Temperature
Commercial (..C..)
0
+70
ºC
Industrial (..E..)
-40
+85
ºC
Storage Temperature
-65
+50
ºC
ELECTRICAL CHARACTERISTICS
Typically 25ºC @ V
CC = +5V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com