Electronic Components Datasheet Search
  English  ▼

X  

SP705CP Datasheet(PDF) 11 Page - Exar Corporation

Part # SP705CP
Description  Low Power Microprocessor Supervisory Circuits
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP705CP Datasheet(HTML) 11 Page - Exar Corporation

Back Button SP705CP Datasheet HTML 7Page - Exar Corporation SP705CP Datasheet HTML 8Page - Exar Corporation SP705CP Datasheet HTML 9Page - Exar Corporation SP705CP Datasheet HTML 10Page - Exar Corporation SP705CP Datasheet HTML 11Page - Exar Corporation SP705CP Datasheet HTML 12Page - Exar Corporation SP705CP Datasheet HTML 13Page - Exar Corporation SP705CP Datasheet HTML 14Page - Exar Corporation SP705CP Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
June 2008 Rev C
SP705 Low Power Microprocessor Supervisory Circuits
© 2008 Exar Corporation
Power-Fail Comparator
The power-fail comparator can be used for
various purposes because its output and
noninverting input are not internally connected.
The inverting input is internally connected to a
1.25V reference.
To build an early-warning circuit for power
failure, connect the PFI pin to a voltage divider
as shown in Figure 16. Choose the voltage
divider ratio so that the voltage at PFI falls
below 1.25V just before the +5V regulator drops
out. Use PFO to interrupt the
µP so it can
prepare for an orderly power-down.
Manual Reset
The manual-reset input (MR) allows RESET to
be triggered by a pushbutton switch. The switch
is effectively debounced by the 140ms mini-
mum RESET pulse width. MR is TTL/CMOS
logic compatible, so it can be driven by an
external logic line. MR can be used to force a
watchdog timeout to generate a RESET pulse
in the SP705/706/813L. Simply connect
WDO to MR.
Ensuring a Valid RESET Output Down to
V
CC = 0V
When V
CC falls below 1.1V, the SP705/706/707/
708 RESET output no longer sinks current, it
becomes an open circuit.
High-impedance
CMOS logic inputs can drift to undetermined
voltages if left undriven. If a pull-down resistor
is added to the RESET pin, any stray charge or
leakage currents will be shunted to ground,
holding RESET LOW. The resistor value is not
critical. It should be about 100K
Ω,largeenough
not to load RESET and small enough to pull
RESET to ground.
Monitoring Voltages Other Than the
Unregulated DC Input
Monitor voltages other than the unregulated DC
by connecting a voltage divider to PFI and
adjusting the ratio appropriately. If required,
add hysteresis by connecting a resistor (with a
value approximately 10 times the sum of the
two resistors in the potential divider network)
between PFI and PFO. A capacitor between PFI
and GND will reduce the power-fail circuit's
PFI
PFO
VCC
+5V
GND
RESET
to
µP
MR
+12V
1M
Ω
1%
130K
Ω
1%
Figure 17. Monitoring Both +5V and +12V Power
Supplies
GND
GND
RESET
INTERRUPT
I/O LINE
VCC
RESET
PFO
PFI
R2
R1
Unregulated DC
Power Supply
Regulated +5V
Power Supply
VCC
0.1
µF
PFI
µP
NMI
WDO
PUSHBUTTON
SWITCH
MR
SP705
SP706
SP813L
Figure 16. Typical Operating Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com