Electronic Components Datasheet Search
  English  ▼

X  

M4T Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # M4T
Description  Load Insensitive Mixer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M4T Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  M4T Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M4T Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M4T Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Load Insensitive Mixer
Rev. V3
M4T
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• LO 1 to 3400 MHz
• RF 1 to 3400 MHz
• IF 1 to 2000 MHz
• LO Drive +10 dBm (nominal)
• Insensitive to VSWR Mismatch
• High Intercept +18 dBm (typ)
Description
The M4T is a termination insensitive mixer, designed for use in
military, commercial and test equipment applications. The design
utilizes Schottky bridge quad diodes, broadband ferrite baluns and
internal loads to provide excellent performance without degrada-
tion due to external VSWR mismatches. The use of high tem-
perature solder and welded assembly processes used internally
makes it ideal for use in semi-automated and automated assem-
bly.
Environmental screening available to MIL-STD-883, MIL-
STD-202, or MIL-DTL-28837, consult factory.
Ordering Information
Part Number
Package
M4T
Flatpack
Electrical Specifications: Z0 = 50Ω Lo = +10 dBm (Downconverter application only)
Parameter
Test Conditions
Units
Typical
Guaranteed
+25ºC
-54º to +85ºC
SSB Conversion Loss
(max)
fR = 0.005 to 1.0 GHz, fL = 0.005 to 1.0 GHz, fI = 0.001 to 0.5 GHz
fR = 0.001 to 3 GHz, fL = 0.001 to 3 GHz , fI = 0.001 to 1.5 GHz
fR = 0.001 to 3.4 GHz, fL = 0.001 to 3.4 GHz, fI = 0.001 to 2 GHz
dB
6.5
8.0
9.0
7.5
9.0
10.5
8.0
9.5
11.0
SSB Noise Figure (max)
Within 1 db of conversion loss
dB
____
____
____
Isolation, L to R (min)
fL = 0.01 to 1.5 GHz
fL = 0.01 to 3.4 GHz
dB
40
30
35
25
33
23
Isolation, L to I (min)
fL = 0.01 to 1.5 GHz
fL = 0.01 to 3.4 GHz
dB
40
30
35
25
33
23
Isolation, R to I (min)
fR = 0.001 to 3.4 GHz
dB
25
1 dB Conversion Comp.
fL= +10 dBm
dBm
+6
Input IP3
fR1 = 1.9 GHz at -10 dBm, fR2 = 1.91 GHz at –10 dBm, fL = 2
GHz at +10 dBm
dBm
+18
Product Image


Similar Part No. - M4T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M4T MACOM-M4T Datasheet
230Kb / 3P
Load Insensitive Mixer
logo
STMicroelectronics
M4T28-BR12SH STMICROELECTRONICS-M4T28-BR12SH Datasheet
530Kb / 34P
5.0 OR 3.0V, 512 bit 64 x 8 SERIAL RTC and NVRAM SUPERVISOR
Sep-2004
M4T28-BR12SH STMICROELECTRONICS-M4T28-BR12SH Datasheet
231Kb / 29P
Serial Real Time Clock with 56 Bytes of NVRAM
22-Aug-2006
M4T28-BR12SH STMICROELECTRONICS-M4T28-BR12SH Datasheet
433Kb / 31P
512 Bit 64 bit x8 SERIAL RTC SPI SRAM
Rev. 2.0
M4T28-BR12SH STMICROELECTRONICS-M4T28-BR12SH Datasheet
511Kb / 29P
3.3V-5V 256 Kbit 32Kb x8 TIMEKEEPER SRAM
Rev 6.0
More results

Similar Description - M4T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M4T MACOM-M4T Datasheet
230Kb / 3P
Load Insensitive Mixer
M4TH MACOM-M4TH Datasheet
290Kb / 3P
Load Insensitive Mixer
M8T MACOM-M8T Datasheet
327Kb / 3P
Load Insensitive Mixer
M8TH MACOM-M8TH Datasheet
329Kb / 3P
Load Insensitive Mixer
logo
M/A-COM Technology Solu...
M4TH MA-COM-M4TH Datasheet
524Kb / 2P
Load Insensitive Mixer
SM4TH MA-COM-SM4TH Datasheet
67Kb / 2P
Load Insensitive Mixer
SM4T MA-COM-SM4T Datasheet
158Kb / 3P
Load Insensitive Mixer
M4TH MA-COM-M4TH Datasheet
524Kb / 2P
Load Insensitive Mixer
SM4TH MA-COM-SM4TH Datasheet
67Kb / 2P
Load Insensitive Mixer
SM4TH MA-COM-SM4TH_15 Datasheet
472Kb / 3P
Load Insensitive Mixer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com