Electronic Components Datasheet Search
  English  ▼

X  

SP3070E Datasheet(PDF) 3 Page - Exar Corporation

Part # SP3070E
Description  짹15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3070E Datasheet(HTML) 3 Page - Exar Corporation

  SP3070E Datasheet HTML 1Page - Exar Corporation SP3070E Datasheet HTML 2Page - Exar Corporation SP3070E Datasheet HTML 3Page - Exar Corporation SP3070E Datasheet HTML 4Page - Exar Corporation SP3070E Datasheet HTML 5Page - Exar Corporation SP3070E Datasheet HTML 6Page - Exar Corporation SP3070E Datasheet HTML 7Page - Exar Corporation SP3070E Datasheet HTML 8Page - Exar Corporation SP3070E Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3070E-SP3078E_100_061109
These are stress ratings only and functional operation of the device at these
ratings or any other above those indicated in the operation sections of the
specifications below is not implied. Exposure to absolute maximum rating
conditions for extended periods of time may affect reliability.
V
CC.................................................................................................+6.0V
Input Voltage at control input pins (RE, DE).........................-0.3V to 6V
Driver Input Voltage (RE, DE)...............................................-0.3V to 6V
Driver Output Voltage (A, B, Y, & Z)....................................-8V to +13V
Receiver Input Voltage (A, B)..............................................-8V to +13V
Continuous Power Dissipation at T
A = 70
o
C
ElECTRICal CHaRaCTERISTICS
aBSOluTE MaXIMuM RaTINGS
Unless otherwise noted V
CC = +3.3 ±0.3V, ambient temperature TMIN < TA < TMAX. Typical values are at VCC = 3.3,
ambient temperature T
A = +25ºC. The ♦ denotes the specifications which apply over the full operating range un-
less otherwise noted.
8-pin SO (derate 5.88mW/oC above +70oC)................................471mW
14-pin SO (derate 8.33mW/oC above +70oC).............. .............667mW
Operating Temperature Ranges
SP307XE_MN..............................................................-40ºC to +125ºC
SP307XE_EN ................................................................-40ºC to +85ºC
Junction Temperature.................................................................+150ºC
Storage Temperature Range.......................................-65ºC to +150º C
Lead Temperature (soldering, 10s) ..........................................+300º C
PARAMETER
SYM.
MIN. TYP. MAX. UNITS ♦
CONDITIONS
Differential Driver Output
V
OD
2
V
CC
V
RL = 100Ω (RS-422), Figure 1
1.5
V
CC
RL = 54Ω (RS-485), Figure 1
V
CC
♦
No Load
Change in Magnitude of
Differential Output Voltage
∆ V
OD
0.2
V
♦
RL = 54 or 100Ω, Figure 1
Driver Common Mode Output
Voltage
V
OC
V
CC /2
3
V
♦
RL = 54 or 100Ω, Figure 1
Change in Magnitude of
Common Mode Output
Voltage
∆ V
OC
±0.2
V
RL = 54 or 100Ω, Figure 1
Input High Voltage
V
IH
2
V
♦
DE, DI, RE
Input Low Voltage
V
IL
0.8
V
DE, DI, RE
Input Hysteresis
V
HYS
100
mV
♦
DE, DI, RE
Input Current
I
IN
-1
1
µA
♦
DE, DI, RE
Input Impedance First
Transition (Hotswap)
1
10
kΩ
♦
DE, RE
First transition will draw more
current (Hotswap)
Output Leakage (Y and Z)
Full Duplex (A and B)
I
O
+125
µA
♦
DE = GND
V
CC = GND or 3.6V
V
IN = +12 V
-100
♦
V
IN = -7V
Driver Short-Circuit Current
I
OSD
0
±250
mA
-7V ≤ V
OUT ≤12V, (Figure 4A)
-250
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com