Electronic Components Datasheet Search
  English  ▼

X  

SP6134 Datasheet(PDF) 1 Page - Exar Corporation

Part # SP6134
Description  600kHz Synchronous PWM Step Down Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6134 Datasheet(HTML) 1 Page - Exar Corporation

  SP6134 Datasheet HTML 1Page - Exar Corporation SP6134 Datasheet HTML 2Page - Exar Corporation SP6134 Datasheet HTML 3Page - Exar Corporation SP6134 Datasheet HTML 4Page - Exar Corporation SP6134 Datasheet HTML 5Page - Exar Corporation SP6134 Datasheet HTML 6Page - Exar Corporation SP6134 Datasheet HTML 7Page - Exar Corporation SP6134 Datasheet HTML 8Page - Exar Corporation SP6134 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
S
SP
P6
61
13
34
4
6
60
00
0k
kH
Hz
z S
Sy
yn
nc
ch
hrro
on
no
ou
us
s P
PW
WM
M S
Stte
ep
p D
Do
ow
wn
n C
Co
on
nttrro
olllle
err
January 2009
Rev. 2.0.0
GENERAL DESCRIPTION
The SP6134 is a 600kHz constant frequency,
voltage mode, synchronous PWM step down
controller optimized for high efficiency.
The SP6134 is adequately suited for split plane
applications utilizing a low power 5V rail to
power the controller circuitry, minimizing
power dissipation. Its wide input voltage range
of 3V to 15V allows for conversions from the
standard 3.3V, 5V, 9.6V and 12V power rails
to an output voltage adjustable down to 0.8V.
Developed around a wide bandwidth internal
amplifier, the SP6134 can accommodate type
II and type III compensation schemes.
Protection features include a programmable
UVLO, thermal shutdown and output short
circuit protection.
The SP6134 is part of a larger family of step
down
controllers
operating
at
various
switching frequencies up to 1300kHz and input
voltages up to 28V. Refer to Exar’s SP6134H,
SP6132, SP6132H, SP6137 and SP6139 for
complete details.
The SP6134 is available in lead free, RoHS
compliant,
space
saving
10-pin
MSOP
package.
APPLICATIONS
• 12V DPA
• Communications Systems
• Graphics Cards
FEATURES
• 3V to 15V Step Down Achieved Using
Dual Input
• On-Board 1.5Ω sink (2Ω source) NFET
Drivers
• Up to 15A Output Capability
• UVLO Detects Both VCC and VIN
• Short-Circuit Protection with Auto-
Restart
• Supports Type II or III Compensation
• Programmable Soft Start
• Fast Transient Response
• High Efficiency: Greater than 94%
• Non-synchronous Start-Up
• Small 10-Pin MSOP Package
• U.S. Patent #6,922,041
TYPICAL APPLICATION DIAGRAM
Fig. 1: SP6134 Application Diagram
Exar Corporation
www.exar.com
48720 Kato Road, Fremont CA 94538, USA
Tel. +1 510 668-7000 – Fax. +1 510 668-7001


Similar Part No. - SP6134

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6134 SIPEX-SP6134 Datasheet
141Kb / 14P
Dual Supply Synchronous Buck Controller
SP61346 SIPEX-SP61346 Datasheet
176Kb / 14P
Dual Supply Synchronous Buck Controller
SP6134CU SIPEX-SP6134CU Datasheet
141Kb / 14P
Dual Supply Synchronous Buck Controller
SP6134CU SIPEX-SP6134CU Datasheet
176Kb / 14P
Dual Supply Synchronous Buck Controller
SP6134CU/TR SIPEX-SP6134CU/TR Datasheet
141Kb / 14P
Dual Supply Synchronous Buck Controller
More results

Similar Description - SP6134

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP6134H EXAR-SP6134H Datasheet
745Kb / 15P
High Voltage, 600kHz Synchronous PWM Step Down Controller
logo
Microsemi Corporation
NX2114 MICROSEMI-NX2114 Datasheet
810Kb / 20P
300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER
logo
Unisonic Technologies
UC3750 UTC-UC3750 Datasheet
211Kb / 9P
600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
UC3750 UTC-UC3750_11 Datasheet
203Kb / 8P
600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
Synchronous Step-down PWM Controller
June 4, 2015
ISL8117A INTERSIL-ISL8117A Datasheet
915Kb / 23P
Synchronous Step-Down PWM Controller
August 31, 2015
logo
Exar Corporation
SP6123 EXAR-SP6123 Datasheet
155Kb / 18P
Synchronous Step-Down PWM Controller
SP6128A EXAR-SP6128A Datasheet
131Kb / 10P
Synchronous Step Down PWM Controller
logo
Renesas Technology Corp
ISL8117 RENESAS-ISL8117 Datasheet
1Mb / 24P
Synchronous Step-Down PWM Controller
ISL8117A RENESAS-ISL8117A Datasheet
1Mb / 23P
Synchronous Step-Down PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com