Electronic Components Datasheet Search
  English  ▼

X  

SP6686 Datasheet(PDF) 9 Page - Exar Corporation

Part # SP6686
Description  400mA Buck/Boost Charge Pump LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6686 Datasheet(HTML) 9 Page - Exar Corporation

Back Button SP6686 Datasheet HTML 4Page - Exar Corporation SP6686 Datasheet HTML 5Page - Exar Corporation SP6686 Datasheet HTML 6Page - Exar Corporation SP6686 Datasheet HTML 7Page - Exar Corporation SP6686 Datasheet HTML 8Page - Exar Corporation SP6686 Datasheet HTML 9Page - Exar Corporation SP6686 Datasheet HTML 10Page - Exar Corporation SP6686 Datasheet HTML 11Page - Exar Corporation SP6686 Datasheet HTML 12Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
S
SP
P6
66
68
86
6
4
40
00
0m
mA
A B
Bu
ucck
k/
/B
Bo
oo
os
stt C
Ch
ha
arrg
ge
e P
Pu
um
mp
p L
LE
ED
D D
Drriiv
ve
err
© 2009 Exar Corporation
9/12
Rev. 2.0.0
0.47μF
fly
capacitor
are
typically
recommended. For the input capacitor, a
larger value of 10μF will help reduce input
voltage ripple for applications sensitive to
ripple
on
the
battery
voltage.
All
the
capacitors should be ceramic to obtain low
ESR, which improves bypassing on the input
and output and improves output voltage drive
by reducing output resistance. X5R or X7R
Ceramic capacitors are recommended for most
applications. A selection of recommended
capacitors is included in Table 1. The input and
output capacitors should be located as close to
the VIN and VOUT pins as possible to obtain best
bypassing,
and
the
returns
should
be
connected directly to the PGND pin or to the
thermal pad ground located under the SP6686.
The fly capacitor should be located as close to
the C1 and C2 pins as possible. The sense
resistor RSENSE is determined by the value
needed in the Torch mode for the desired
output current by the equation:
Where VFB=50mV in torch mode.
Once the RSENSE resistor has been selected for
Torch mode, the VFB voltage can be selected
for Flash mode using the following equation:
Where IOUT is for Flash Mode
Next, the RSET resistor can be selected for
Flash mode using the following equation:
1.26
11.2Ω
For an example of 150mA Torch mode and
400mA Flash mode, the values RSENSE=0.33Ω,
VFB=135mV (Flash Mode), and RSET=106kΩ are
calculated. The power obtained in the Flash
mode would be:
133
400
53
The typical 0603 surface mount resistor is
rated at 1/10 Watt continuous power and 1/5
Watt pulsed power, more than enough for this
application. For other applications, the PFLASH
can be calculated from the resistor size
selected. The RSENSE resistor is recommended
to be size 0603 for most applications.
EVALUATION BOARD LAYOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com