Electronic Components Datasheet Search
  English  ▼

X  

SW65-0440 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # SW65-0440
Description  GaAs SP4T Switch, Absorptive, Single Supply DC - 3.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW65-0440 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SW65-0440 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW65-0440 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW65-0440 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. SW65-0440 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. SW65-0440 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. SW65-0440 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
GaAs SP4T Switch, Absorptive, Single Supply
DC - 3.0 GHz
Rev. V7
SW65-0440
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Typical Isolation: 35 dB (2.0 GHz)
• Typical Insertion Loss: 1.2 dB (2.0 GHz)
• Integral ASIC/CMOS Driver
• 50 Ohm Nominal Impedance
• Low DC Power Consumption
• Test Boards Available
• QSOP-24 Package
Description
M/A-COM's SW65-0440 is a GaAs MMIC absorptive
SP4T switch with an integral silicon ASIC driver.
This device is in a 24-lead plastic package. This
switch offers excellent broadband performance and
repeatability from DC to 3 GHz, while maintaining
low DC power dissipation. The SW65-0440 is ideally
suited for wireless infrastructure applications.
Ordering Information
Part Number
Package
SW65-0440
Bulk Packaging
SW65-0440TR
1000 piece reel
SW65-0440-TB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
Functional Schematic
Pin Configuration
Pin No.
Function
Pin No.
Function
1
RFC
13
C4
2
GND
14
C3
3
RF1
15
GND
4
GND
16
GND
5
RF2
17
GND
6
NC
18
NC
7
NC
19
NC
8
NC
20
RF3
9
VEE
21
GND
10
VCC
22
RF4
11
C1
23
GND
12
C2
24
GND
NC = No Connection


Similar Part No. - SW65-0440

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW65-0440 MACOM-SW65-0440 Datasheet
304Kb / 4P
GaAs SP4T Absorptive Switch with ASIC Driver, DC - 3 GHz
logo
M/A-COM Technology Solu...
SW65-0440 MA-COM-SW65-0440 Datasheet
87Kb / 4P
Drivers for GaAs FET Switches and Digital Attenuators
logo
Tyco Electronics
SW65-0440-TB MACOM-SW65-0440-TB Datasheet
304Kb / 4P
GaAs SP4T Absorptive Switch with ASIC Driver, DC - 3 GHz
SW65-0440TR MACOM-SW65-0440TR Datasheet
304Kb / 4P
GaAs SP4T Absorptive Switch with ASIC Driver, DC - 3 GHz
More results

Similar Description - SW65-0440

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW90-0003 MACOM-SW90-0003 Datasheet
240Kb / 3P
GaAs SP4T Switch, Absorptive, Single Supply, DC - 4 GHz
MASWCC0009 MACOM-MASWCC0009 Datasheet
327Kb / 1P
GaAs SP6T Switch, Absorptive, Single Supply DC - 3.0 GHz
MASWCC0010 MACOM-MASWCC0010 Datasheet
238Kb / 5P
GaAs SP4T Switch, Absorptive, Single Supply DC - 4.0 GHz
SW-314-PIN MACOM-SW-314-PIN Datasheet
160Kb / 4P
GaAs SP4T Absorptive Switch, DC-3.0 GHz
logo
M/A-COM Technology Solu...
SW15-0314 MA-COM-SW15-0314 Datasheet
117Kb / 4P
GaAs SP4T Absorptive Switch, DC-3.0 GHz
SW90-0003 MA-COM-SW90-0003 Datasheet
152Kb / 5P
GaAs SP4T Switch, Absorptive, Single Supply DC - 4.0 GHz
MASWCC0009 MA-COM-MASWCC0009 Datasheet
181Kb / 6P
GaAs SP4T Switch, Absorptive, Single Supply DC - 3.0 GHz
MASWCC0010 MA-COM-MASWCC0010 Datasheet
152Kb / 5P
GaAs SP4T Switch, Absorptive, Single Supply DC - 4.0 GHz
MASWCC0010 MA-COM-MASWCC0010 Datasheet
152Kb / 5P
GaAs SP4T Switch, Absorptive, Single Supply
MASWCC0009 MA-COM-MASWCC0009_15 Datasheet
864Kb / 7P
GaAs SP4T Switch, Absorptive DC - 3.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com