Electronic Components Datasheet Search
  English  ▼

X  

MASW-007935 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-007935
Description  GaAs SPDT Terminated Switch DC - 3.0 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-007935 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASW-007935 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-007935 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-007935 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-007935 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
•
North America Tel: 800.366.2266 / Fax: 978.366.2266
•
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
•
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
GaAs SPDT Terminated Switch
DC - 3.0 GHz
Rev. V2
MASW-007935
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, Z0 = 50 Ω
2, VCTL = -3V (unless otherwise specified)
2. External DC blocking capacitors are required on all RF ports when using positive voltage control.
3. Insertion loss can be optimized by varying the DC blocking capacitor value, e.g. 1000 pF for 100 MHz - 1 GHz, 39 pF for 0.5 GHz - 3 GHz.
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
3
DC-1 GHz
1-2 GHz
2-3 GHz
dB
dB
dB
—
—
—
0.5
0.8
1.1
0.7
1.0
1.25
Isolation
DC-1 GHz
1-2 GHz
2-3 GHz
dB
dB
dB
36
25
21
38
28
22
—
—
—
VSWR
DC-2 GHz
2-3 GHz
Ratio
Ratio
—
—
1.4:1
1.6:1
1.5:1
1.7:1
P1dB (2.7 V supply)
500 MHz - 3 GHz
dBm
—
24
—
P1dB (5 V supply)
500 MHz - 3 GHz
dBm
—
28
—
IP2 (2.7 V supply)
2-Tone 900 MHz, 5 MHz spacing, 10 dBm each tone
dBm
—
80
—
IP3 (2.7 V supply)
2-Tone 900 MHz, 5 MHz spacing, 10 dBm each tone
dBm
—
50
—
Trise, Tfall
Ton, Toff
Transients
10% to 90% RF, 90% to 10% RF
50% Control to 90% RF, 50% Control to 10% RF
In-Band
nS
nS
mV
—
—
—
40
60
10
—
—
—
Control Current
VCTL = -3V
µA
—
6
15
Truth Table
Mode
(Control)
V1
V2
RFC -
RF1
RFC -
RF2
Positive
6
0 + 0.2 V
+2.5 to +8
V
+2.5 to +8
V
0 + 0.2 V
On
Off
Off
On
Negative
7
0 + 0.2 V
-2.5 to -8 V
-2.5 to -8 V
0 + 0.2 V
Off
On
On
Off
6. External DC blocking capacitors are required on all RF ports
and GND. GND capacitors can be used with positive control
voltage to resonate lead inductance for improved isolation.
7. If negative control is used, DC blocking capacitors and GND
capacitors are not required.
Absolute Maximum Ratings 4,5
Parameter
Absolute Maximum
Input Power (0.5 - 3.0 GHz)
3 V Control
5 V Control
+30 dBm
+33 dBm
Operating Voltage
+8.5 Volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
4. Exceeding any one or combination of these limits may cause
permanent damage to this device.
5. M/A-COM does not recommend sustained operation near
these survivability limits.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com