Electronic Components Datasheet Search
  English  ▼

X  

MA40201 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MA40201
Description  Schottky Detector Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA40201 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MA40201 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA40201 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA40201 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA40201 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA40201 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Schottky Detector Diodes
Rev. V3
Schottky Detector Diodes
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
N Type Silicon Schottky Chip
Detector Diodes
These low barrier N type chip detector diodes are
suitable for use in microstrip applications.
They
feature sensitivity, and low l/f noise. These diodes
are listed by increasing frequency.
Model
Number
Case
Style
Test
Frequency
(GHz)
Nominal
1,5
TSS
(dBm)
Minimum Reverse
Voltage VR
(Volts)
Nominal
3
Forward Voltage
(Volts)
Nominal
4 Total
Capacitance
(pF)
MA40220
135
10.0
-52
2.0
0.3
0.12
MA40222
135
16.0
-52
2.0
0.3
0.09
P Type Silicon Schottky Chip
Detector Diodes
These low barrier P type chip detector diodes are
suitable for use in microstrip or stripline circuits.
These diodes are listed by increasing test fre-
quency.
Model
Number
Case
Style
Test
Frequency
(GHz)
Nominal
1,5
TSS
(dBm)
Minimum Reverse
Voltage VR
(Volts)
Nominal
3
Forward Voltage
(Volts)
Nominal
4 Total
Capacitance
(pF)
MA40270
135A
10.0
-52
4.0
0.4
0.12
MA40272
135A
16.0
-52
4.0
0.4
0.09
Notes:
1. The video amplifier bandwidth is 1 MHz and the noise figure is 3 dB. Impedance is 10 k Ohms and DC Bias is +20 µA. Wafers are evalu-
ated on a sample basis for TSS.
2. Voltage rating is measured at 10 µA reverse bias current.
3. Forward voltage is measured at a forward current of 1 mA.
4. Capacitance is measured at 0 V and 1 MHz.
5. RF power = -30 dBm. The DC forward bias is +20 µA. Measured at the indicated test frequency and at -30 dBm RF power with RL = 10 k
Ohms and DC forward bias +20 µA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com