Electronic Components Datasheet Search
  English  ▼

X  

MA46604 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MA46604
Description  GaAs High Q Abrupt Tuning Varactors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA46604 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MA46604 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA46604 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
GaAs High Q Abrupt Tuning Varactors
Rev. V6
MA46600 Series
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
MA-COM Technical Solutions and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice.
ADVANCED:
Data Sheets contain information regarding a product MA-COM Technical Solutions is
considering for development. Performance is based on target specifications, simulated results, and/
or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product MA-COM Technical Solutions
has under development. Performance is based on engineering tests. Specifications are typical.
Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commit-
ment to produce in volume is not guaranteed.
Features
• Constant Gamma Abrupt Junction: 0.5
• Highest Q
• Large Capacitance Variation with Voltage
• Custom Tailored Designs Available on Request
• RoHS* Compliant
Description
The MA46600 series of microwave tuning varactors
is a family of abrupt junction gallium arsenide de-
vices featuring Q factors in excess of 8000. This
series is specifically designed for broadband high Q
tuning performance (up to 8000 at -4 volts and 50
MHz) from L through Ka band. Characteristics such
as high reliability, low leakage and close capaci-
tance tracking between diodes are typical of these
devices. Standard capacitance matching is ± 10%,
but closer matching is available upon request. All
diode types are available in a wide selection of ce-
ramic packages as well as in chip form.
Applications
The MA46600 series of tuning varactors can be
used for both broad and narrow band tuning
through Ka-band. Typical applications include solid
state tuning of VCOs using transistors or Gunns as
well as voltage tunable filters and amplifier circuits.
The GaAs abrupt junction tuning varactors offer the
highest Q of any tuning varactors and are utilized in
high frequency applications where Q is premium.
Absolute Maximum Ratings
1 @ T
A=+25°C
1. Operation of this device above any one of these parameters
may cause permanent damage.The maximum storage and
operating temperature of the plastic ODS-1088 case style is
125°C.
Parameter
Absolute Maximum
Operating Temperature
-65°C to +175°C
Storage Temperature
-65°C to +200°C
Reverse Voltage
Breakdown Voltage
Power Dissipation
(derate linearly to zero at 200°C)
Cj < 1.0 pF max. @ 50 mW
Cj
≥ 1.0 pF min. @ 100 mW
Common Case styles
134 Chip
Specifications subject to change without notice.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Similar Part No. - MA46604

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA46604 MACOM-MA46604 Datasheet
64Kb / 3P
GaAs Abrupt Tuning Varactors
MA46604 MACOM-MA46604 Datasheet
73Kb / 2P
GaAs, High Q Abrupt Tuning Varactors
logo
M/A-COM Technology Solu...
MA46604 MA-COM-MA46604 Datasheet
550Kb / 3P
GaAs High Q Abrupt Tuning Varactors
More results

Similar Description - MA46604

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SMV1405 ALPHA-SMV1405 Datasheet
480Kb / 3P
Abrupt Junction Tuning Varactors
logo
Tyco Electronics
MA45430 MACOM-MA45430 Datasheet
68Kb / 2P
Surface Mount Abrupt Tuning Varactors
MA46600 MACOM-MA46600 Datasheet
64Kb / 3P
GaAs Abrupt Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1493 SKYWORKS-SMV1493 Datasheet
64Kb / 5P
Abrupt Junction Tuning Varactors
logo
Tyco Electronics
MA46600 MACOM-MA46600_1 Datasheet
73Kb / 2P
GaAs, High Q Abrupt Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1405 SKYWORKS-SMV1405 Datasheet
100Kb / 5P
Abrupt Junction Tuning Varactors
logo
M/A-COM Technology Solu...
MA46600_V6 MA-COM-MA46600_V6 Datasheet
148Kb / 2P
GaAs High Q Abrupt Tuning Varactors
MA46600 MA-COM-MA46600 Datasheet
148Kb / 2P
GaAs High Q Abrupt Tuning Varactors
MA46600 MA-COM-MA46600_15 Datasheet
550Kb / 3P
GaAs High Q Abrupt Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1405 SKYWORKS-SMV1405_16 Datasheet
726Kb / 10P
Plastic Packaged Abrupt Junction Tuning Varactors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com