Electronic Components Datasheet Search
  English  ▼

X  

MA46425 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MA46425
Description  GaAs Hyperabrupt Varactor Diode Gamma = 1.0, 1.25, & 1.50
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA46425 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MA46425 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA46425 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA46425 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA46425 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA46425 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
GaAs Hyperabrupt Varactor Diode
Gamma = 1.0, 1.25, & 1.50
Rev. V5
MA46410 thru MA46480 Series
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications @ TA = +25 °C
MA46450 Series Gamma = 1.0
4
Gamma
4 = 0.9 - 1.1, VR = 2 - 20 Volts
Junction Capacitance Ratio (CJ2/CJ20) = 5.0 - 8.0
Breakdown Voltage @ IR = 10µA, Vb = 22 V Min
Reverse Leakage Current @ VR =18V, IR = 100 nA Max
Part
Number
Case
Style
2
Total
Capaci-
tance
2,3,4,5
+/-10%
Total
Capacitance
Ratio
7
Q
Minimum
Vr=4 V
Vr=2 V
Vr=20 V
Vr=4 V
f=50 MHz
(pF)
-
-
MA46450
30
0.5
2.0-3.8
4000
MA46451
30
0.7
2.9-4.4
4000
MA46452
30
1.0
3.6-5.2
3000
MA46457
30
2.2
4.1-6.1
3000
MA46461
30
4.7
4.8-7.2
1500
Part
Number
Case
Style
2
Total
Capaci-
tance
3,7,8
Total
Capacitance
Ratio
7
Q
Minimum
Vr=4 V
Vr=2 V
Vr=12 V
Vr=4 V
f=50 MHz
(pF)
-
-
MA46410
30
0.45-0.60
2.7-4.3
3000
MA46413
30
0.90-1.10
4.2-5.7
2500
MA46416
30
1.62-1.98
5.2-4.9
2500
MA46418
30
2.42-2.97
5.7-7.6
1800
MA46420
30
3.33-4.22
6.0-8.1
1800
MA46425
30
9.00-11.00
6.6-8.8
1200
Electrical Specifications @ TA = +25°C
MA46410 thru MA46425 Series Gamma = 1.5
4
Gamma
4 = 1.4-1.6 VR = 2 - 12 Volts
Junction Capacitance Ratio (CJ2/CJ12) = 6.2-10.8
Breakdown Voltage @ IR = 10µA, Vb = 18 V Min
Reverse Leakage Current @ VR =10V, IR = 100 nA Max
Electrical Specifications @ TA = +25 °C
MA46470 thru MA46485 Series Gamma = 1.25
4
Gamma
4 = 1.13-1.38, VR = 2 - 20 Volts
Junction Capacitance Ratio (CJ2/CJ20) = 8.15-12.99
Breakdown Voltage @ IR = 10µA, Vb = 22 V Min
Reverse Leakage Current @ VR =18V, IR = 100 nA Max
Part
Number
Case
Style
2
Total
Capaci-
tance
2,3,4,5
+/-10%
Total
Capacitance
Ratio
7
Q
Minimum
Vr=4 V
Vr=2 V
Vr=20 V
Vr=4 V
f=50 MHz
(pF)
-
-
MA46470
30
0.5
2.2/4.1
4000
MA46471
30
0.7
3.6/5.6
4000
MA46472
30
1.0
4.8/7.4
3000
MA46473
30
1.2
4.8/7.4
3000
MA46474
30
1.5
5.0/7.4
3000
MA46475
30
1.8
6.6/8.7
3000
MA46476
30
2.0
6.6/8.7
3000
MA46477
30
2.2
6.6/8.7
3000
MA46479
30
3.3
6.4/10.0
2000
MA46480
30
3.7
6.8/11.0
2000
MA46481
30
4.7
6.9/11.1
1500
MA46483
30
6.8
7.2/11.5
1500
MA46485
30
10.0
7.5/12.0
1500
1.
All GaAs tuning varactors are available in chip form as well
as the case styles shown on the following page. When
ordering, specify the desired case by adding the case des-
ignation as a suffix to the type number.
2.
Case parasitics (Cp and Ls) are given for most case styles
along with case outlines in the appendix. The Cp values
listed typically have tolerances of ±0.02 pF.
3.
The nominal tolerance at -4 Volts is ± 10%. Closer toler-
ances are available upon request. By adding the suffix A to
the part number, a tolerance of ± 5% at -4 Volts is guaran-
teed.
4.
The values guaranteed for gamma are measured on un-
packaged chips. The total capacitance versus bias voltage
curve will deviate slightly from the chip capacitance versus
bias voltage curve due to the package parasitic capaci-
tance (Cp).
5.
Capacitance is measured at 1 MHz.
6.
Reverse voltage (VB) is measured at 10 microamps.
7.
The total capacitance and capacitance ratios shown are for
diodes housed in case style 30. Other case styles will re-
sult in different values.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com