Electronic Components Datasheet Search
  English  ▼

X  

MA48706C Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MA48706C
Description  GaAs Multiplier Varactors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA48706C Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MA48706C Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA48706C Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA48706C Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
M/A-COM Technical Solutions and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice.
1
GaAs Multiplier Varactors
M/A-COM Products
V4
MA48700 Series
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technical Solutions is
considering for development. Performance is based on target specifications, simulated results, and/
or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technical Solutions
has under development. Performance is based on engineering tests. Specifications are typical.
Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commit-
ment to produce in volume is not guaranteed.
Features
•
High Cutoff Frequency
•
Operating Temperatures From -65°C to
+200°C
Description
The MA48700 series of Gallium Arsenide
Abrupt
Junction
Multiplier
Varactors
is
specifically designed to provide single state,
high order multiplication at output frequencies
extending
to
approximately
100
GHz.
All
varactors in this series are available in either
package or chip form. The cathode is the heat
sink end of the package.
Applications
This series of Gallium Arsenide Multiplier
Varactors
is
intended
for
medium
power
harmonic
generation
with
high
conversion
efficiency. These diodes may be used to double
or triple the frequency output of a phase locked
source
for
millimeter
wave
radar
and
communication systems for local oscillators and
transmitters.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
CASE STYLES
Absolute Max Rating @ 25 °C
1. Operation of this device above any one of these parameters
may cause permanent damage


Similar Part No. - MA48706C

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA48706C MACOM-MA48706C Datasheet
88Kb / 3P
GaAs Multiplier Varactors
More results

Similar Description - MA48706C

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA46 MACOM-MA46 Datasheet
121Kb / 4P
Surface Mount GaAs Tuning Varactors
MA46600 MACOM-MA46600 Datasheet
64Kb / 3P
GaAs Abrupt Tuning Varactors
MA48700 MACOM-MA48700 Datasheet
88Kb / 3P
GaAs Multiplier Varactors
MA46 MACOM-MA46_1 Datasheet
205Kb / 4P
Surface Mount GaAs Tuning Varactors
logo
M/A-COM Technology Solu...
MA46600 MA-COM-MA46600 Datasheet
77Kb / 2P
GaAs High Q Abrupt Tuning Varactors
MA46 MA-COM-MA46 Datasheet
154Kb / 4P
Surface Mount GaAs Tuning Varactors
logo
Microsemi Corporation
MV71001 MICROSEMI-MV71001 Datasheet
171Kb / 1P
GaAs Multiplier Diodes Frequency Multiplier
logo
M/A-COM Technology Solu...
MA46600_V6 MA-COM-MA46600_V6 Datasheet
148Kb / 2P
GaAs High Q Abrupt Tuning Varactors
MA46-SERIES MA-COM-MA46-SERIES Datasheet
154Kb / 4P
Surface Mount GaAs Tuning Varactors
MA46 MA-COM-MA46_15 Datasheet
762Kb / 4P
Surface Mount GaAs Tuning Varactors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com