Electronic Components Datasheet Search
  English  ▼

X  

MABACT0062 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MABACT0062
Description  1:1 Flux Coupled Transformer 3-200MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABACT0062 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MABACT0062 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABACT0062 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MABACT0062 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Transformer, 1:1
3 MHz - 200 MHz
Rev. V4
MABACT0062
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
RELEASED
Features
♦ 1:1 impedance ratio
♦ Surface mount
♦ Available on tape and reel
♦ 260ºC reflow compatible
♦ RoHS Compliant and Pb free
♦ Excellent temperature stability
♦ Can be used on 50Ω and 75Ω systems
♦ RoHS version of ETC1-1T and MABACT0012
Pin No.
Function
1
Secondary Dot
2
Secondary Center Tap
3
Secondary
4
Primary
5
Primary Dot
Pin Configuration
Schematic
Electrical Specifications: TA = 25°C, Z0 = 50Ω, Pin = 0dBm
Parameter
Frequency
Units
Min
Typ
Max
Insertion Loss
3 - 50 MHz
50 - 160 MHz
160 - 200 MHz
dB
dB
dB
-
-
-
0.2
0.5
0.8
0.5
1.0
1.2
Amplitude Balance (Nominal 0dB)
3 - 50 MHz
50 - 200 MHz
dB
dB
-
-
0.02
0.06
± 0.1
± 0.5
Phase Balance (Nominal 180º)
3 - 50 MHz
50 - 200 MHz
º
º
-
-
0.2
0.5
± 1.5
± 5.0
Input Return Loss
3 - 200 MHz
5 - 100 MHz
dB
dB
10
15
20
25
-
-
Electrical Specifications: TA = 25°C, Z0 = 75Ω, Pin = 0dBm
Parameter
Frequency
Units
Min
Typ
Max
Insertion Loss
3 - 5 MHz
5 - 65 MHz
65 - 200 MHz
dB
dB
dB
-
-
-
0.5
0.4
0.6
1.0
0.6
1.0
Amplitude Balance (Nominal 0dB)
3 - 65 MHz
65 - 200 MHz
dB
dB
-
-
0.02
0.04
± 0.2
± 0.3
Phase Balance (Nominal 180º)
3 - 65 MHz
65 - 200 MHz
º
º
-
-
0.4
1.2
± 2.0
± 5.0
Input Return Loss
3 - 5MHz
5 - 65 MHz
65 - 100 MHz
100 - 200 MHz
dB
dB
dB
dB
18
21
19
14
24
29
25
20
-
-
-
-


Similar Part No. - MABACT0062

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0062 MACOM-MABACT0062 Datasheet
77Kb / 3P
1:1 Flux Coupled Transformer 3-200MHz
logo
M/A-COM Technology Solu...
MABACT0062 MA-COM-MABACT0062 Datasheet
147Kb / 4P
Transformer, 1:1
MABACT0062 MA-COM-MABACT0062_15 Datasheet
147Kb / 4P
Transformer
More results

Similar Description - MABACT0062

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0048 MACOM-MABACT0048 Datasheet
77Kb / 3P
2:1 Flux Coupled Transformer 5-200MHz
MABACT0062 MACOM-MABACT0062 Datasheet
77Kb / 3P
1:1 Flux Coupled Transformer 3-200MHz
MABACT0068 MACOM-MABACT0068 Datasheet
81Kb / 3P
2:1 Flux Coupled Transformer 5-200MHz
MABACT0071 MACOM-MABACT0071 Datasheet
78Kb / 3P
1:1 Flux Coupled Transformer 0.3-200MHz
MABA-008260-CF4A40 MACOM-MABA-008260-CF4A40 Datasheet
67Kb / 3P
4:1 flux Coupled Transformer 5-200MHz
logo
M/A-COM Technology Solu...
MABACT0048 MA-COM-MABACT0048 Datasheet
78Kb / 3P
2:1 Flux Coupled Transformer 5-200MHz
MABACT0068 MA-COM-MABACT0068 Datasheet
82Kb / 3P
2:1 Flux Coupled Transformer 5-200MHz
MABACT0071 MA-COM-MABACT0071 Datasheet
73Kb / 3P
1:1 Flux Coupled Transformer 0.3-200MHz
MABA-008260-CF4A40 MA-COM-MABA-008260-CF4A40 Datasheet
63Kb / 3P
4:1 flux Coupled Transformer 5-200MHz
MABA-009947-CF3160 MA-COM-MABA-009947-CF3160_15 Datasheet
121Kb / 4P
Transformer, 1:3 Flux Coupled Transformer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com