Electronic Components Datasheet Search
  English  ▼

X  

MA46504 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MA46504
Description  Surface Mount GaAs Tuning Varactors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA46504 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MA46504 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA46504 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA46504 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA46504 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Surface Mount GaAs Tuning Varactors
Rev. V6
MA46 Series
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications @ TA = +25 °C
Gamma 0.5 Abrupt Tuning Varactors
Breakdown Voltage @ 10 µA = 30 V minimum
Reverse Current @ 24 V = 100 nA maximum
Gamma
2 = 0.48 - 0.50, VR = 0 to 30 V
Part Number
Total
Capaci-
tance
2,3,5
+/-10%
Total
Capacitance
Ratio
5
Q
Minimum
Vr=4 V
Vr=0 V
Vr=30 V
Vr=4 V
f=50 MHz
(pF)
-
-
MA46504
0.5 - 0.7
2.1
6000
MA46505
0.9 - 1.1
2.8
5700
1. Case parasitics (Cp and Ls) are given for most case styles along with case outlines in the appendix. The Cp values listed typically have
tolerances of ±0.02 pF.
2. The values guaranteed for gamma are measured on unpackaged chips. The total capacitance versus bias voltage curve will deviate
slightly from the chip capacitance versus bias voltage curve due to the package parasitic capacitance (Cp).
3. Capacitance is measured at 1 MHz.
4. Reverse voltage (VB) is measured at 10 microamps.
5. The total capacitance and capacitance ratios shown are for diodes housed in case style 30. Other case styles will result in different val-
ues.
6
. When ordering MA46H202-134 as whole wafer P/N is MAVR-0046202-0134WR
Electrical Specifications @ TA = +25 °C
Gamma 1.25 Hyperabrupt Tuning Varactors
Breakdown Voltage @ 10 µA = 22 V minimum
Reverse Current @ 16 V = 100 nA maximum
Gamma
2 = 1.13 - 1.38, VR = 2 to 20 V
Part Number
Total
Capaci-
tance
2,3,5
+/-10%
Total
Capacitance
Ratio
5
Q
Minimum
Vr=4 V
Vr=2 V
Vr=20 V
Vr=4 V
f=50 MHz
(pF)
-
-
MA46H200
0.5-0.7
3
3000
MA46H201
0.9-1.1
4.1
3000
MA46H202
6
2.7-3.3
5.6
2000
MA46H203
4.5-5.5
10
1500
MA46H204
9-11
10
1500
Electrical Specifications @ TA = +25 °C
Gamma 1.5 Hyperabrupt Tuning Varactors
Breakdown Voltage @ 10µA = 18 V minimum
Reverse Current @ 14 V = 100 nA maximum
Gamma
2 = 1.4 - 1.6, VR = 2 to 12 V
Part Number
Total
Capaci-
tance
2,3,5
+/-10%
Total
Capacitance
Ratio
5
Q
Minimum
Vr=4 V
Vr=2 V
Vr=12 V
Vr=4 V
f=50 MHz
(pF)
-
-
MA46H500
0.5-0.7
2.8
2500
MA46H501
0.9-1.1
3.9
2500
MA46H503
4.5-5.5
8.1
1200
MA46H504
9-11
8.1
1200
Electrical Specifications @ TA = +25 °C
Gamma 0.75 Hyperabrupt Tuning Varactors
Breakdown Voltage @ 10 µA = 20 V minimum
Reverse Current @ 16 V = 100 nA maximum
Gamma
2 = 0.68 - 0.83, VR = 0 to 20 V
Part Number
Total
Capaci-
tance
2,3,5
+/-10%
Total
Capacitance
Ratio
5
Q
Minimum
Vr=4 V
Vr=0 V
Vr=20V
Vr=4 V
f=50 MHz
(pF)
-
-
MA46H070
0.5 - 0.7
5.5
4500
MA46H071
0.9 - 1.1
6.4
4500
MA46H072
2.7 - 3.3
7.5
3000
MA46H073
4.5 - 5.5
7.5
2200
*Specifications are subject to change without prior notice



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com