Electronic Components Datasheet Search
  English  ▼

X  

MA4L022 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MA4L022
Description  Silicon PIN Limiter Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4L022 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MA4L022 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4L022 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4L022 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4L022 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4L022 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4L022 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MA4L
Series
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Silicon PIN Limiter Diodes
V13
Typical High Signal Peak Power Performance for the Single Shunt Limiter Diode
in a 50 Ω Test Fixture
High Signal Performance
: Measured using a single shunt diode (die) attached directly to the gold plated RF
housing ground with 2 mil thick conductive silver epoxy in a 50Ω, SMA, connectorized test fixture. Chip anode
contact is thermo-compression wire bonded using a 1 mil. dia. gold wire onto a 7.2 mil thick Rogers 5880 Duroid
microstrip trace. A shunt coil provides the D.C. return. Test frequency = 9.4 GHz,
For peak power
measurements RF pulse width = 1.0 µS, 0.001% duty cycle.
Typical Peak Power Performance for Single Shunt Limiter Diode in 50 Ohm System
at 9.4 GHz, 1uS Pulse Width, 0.001 Duty
0
5
10
15
20
25
30
35
40
45
0
1020
3040
50
Pin ( dBm )
MA4L011-134, MA4L021-134,
MA4L022-134
MA4L031-134, MA4L032-134
MA4L101-134
MA4L401-132
MA4L301-134
20 dB Loss
Line
10 dB Loss
Line
30 dB Loss
Line
0 dB Loss
Line



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com