Electronic Components Datasheet Search
  English  ▼

X  

SA2132 Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SA2132
Description  AM/FM RADIO RECEIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA2132 Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SA2132 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA2132 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA2132 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA2132 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA2132 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA2132 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA2132 Datasheet HTML 7Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SA2132
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Rev: 2.3
2005.12.29
Http: www.silan.com.cn
Page 5 of 8
TEST CIRCUIT(1)
1
2
3
4
5
6
7
8
16
15
14
13
12
9
11
10
VCC = 3 V
SA2132
BPF
~
~
~
T1
L2
FM
AM
L1
2K
0.022
F
AM RF IN
Vin
DET OUT
2.2
F
1K
0.01
F
330
T2
FM RF IN
Vin
FM-IF IN
Vin
270
BPF: GFWB7 (Soshin Electric Co., Ltd.)
CF1: SFE10.7MA5 (Murata Co., Ltd.)
CF2: SFU455B ( Murata Co., Ltd.)
CR: CDA10.7 MG92C (Murata Co., Ltd.)
AM
FM
TEST CIRCUIT (2)
1
2
3
4
5
6
7
8
16
15
14
13
12
9
11
10
VCC = 3 V
SA2132
(Note)
GND
FM OSC
monitor
8V
L2
Note : FET buff voltage gain
≅ 0dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com