Electronic Components Datasheet Search
  English  ▼

X  

13BCB Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # 13BCB
Description  Silicon Epitaxial Planar Zener Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

13BCB Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  13BCB Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 13BCB Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. 13BCB Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dated : 18/07/2009
SEMTECH ELECTRONICS LTD.
(
Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
BC Series
Silicon Epitaxial Planar Zener Diodes
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Power Dissipation
Ptot
500
1)
mW
Junction Temperature
Tj
175
O
C
Storage Temperature Range
Tstg
- 65 to + 175
O
C
1) Valid provided that leads are kept at ambient temperature at a distance of 8 mm from case.
Characteristics at Ta = 25 OC (VF = 1 V Max. at IF = 100 mA)
Zener Voltage
1)
Maximum Dynamic
Resistance
Maximum Standing
Dynamic Resistance
Maximum Reverse
Leakage Current
Type
Min. (V)
Max. (V)
at lZT (mA)
ZZT (Ω)
at lZT (mA)
ZZK (Ω)
at lZK (mA)
IR (µA)
at VR (V)
2V2BC
2.09
2.41
20
120
20
2000
1
120
0.7
2V2BCA
2.12
2.3
20
120
20
2000
1
120
0.7
2V2BCB
2.22
2.41
20
120
20
2000
1
120
0.7
2V4BC
2.3
2.64
20
100
20
2000
1
120
1
2V4BCA
2.33
2.52
20
100
20
2000
1
120
1
2V4BCB
2.43
2.63
20
100
20
2000
1
120
1
2V7BC
2.5
2.9
20
100
20
1000
1
100
1
2V7BCA
2.54
2.75
20
100
20
1000
1
100
1
2V7BCB
2.69
2.91
20
100
20
1000
1
100
1
3V0BC
2.8
3.2
20
80
20
1000
1
50
1
3V0BCA
2.85
3.07
20
80
20
1000
1
50
1
3V0BCB
3.01
3.22
20
80
20
1000
1
50
1
3V3BC
3.1
3.5
20
70
20
1000
1
20
1
3V3BCA
3.16
3.38
20
70
20
1000
1
20
1
3V3BCB
3.32
3.53
20
70
20
1000
1
20
1
3V6BC
3.4
3.8
20
60
20
1000
1
10
1
3V6BCA
3.47
3.68
20
60
20
1000
1
10
1
3V6BCB
3.62
3.83
20
60
20
1000
1
10
1
3V9BC
3.7
4.1
20
50
20
1000
1
5
1
3V9BCA
3.77
3.98
20
50
20
1000
1
5
1
3V9BCB
3.92
4.14
20
50
20
1000
1
5
1
4V3BC
4
4.5
20
40
20
1000
1
5
1
4V3BCA
4.05
4.26
20
40
20
1000
1
5
1
4V3BCB
4.2
4.4
20
40
20
1000
1
5
1
Max. 2.9
Max. 1.9
Glass Case DO-34
Max. 0.45
Min. 27.5
Min. 27.5
XXX
Cathode Band
Part No.
Dimensions in mm
Black
Black


Similar Part No. - 13BCB

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
13B SWITCH-13B Datasheet
152Kb / 8P
COMMERCIAL PHONE JACKS
logo
Diotec Semiconductor
13B DIOTEC-13B Datasheet
296Kb / 2P
Surface mount Silicon Planar Zener Diodes
logo
Panasonic Semiconductor
13BD PANASONIC-13BD Datasheet
2Mb / 16P
Amplifier Built-in Ultra-slim Photoelectric Sensor
Ver.2
logo
Copal Electronics
13BL COPAL-13BL Datasheet
477Kb / 2P
Illuminated Pushbutton Switches
13BL-060-000-0 COPAL-13BL-060-000-0 Datasheet
477Kb / 2P
Illuminated Pushbutton Switches
More results

Similar Description - 13BCB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZM-PTZ10B SEMTECH-ZM-PTZ10B Datasheet
286Kb / 3P
SILICON EPITAXIAL PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
ZM-PTZ3V6B SEMTECH_ELEC-ZM-PTZ3V6B Datasheet
180Kb / 2P
SILICON EPITAXIAL PLANAR ZENER DIODES
BTZS4678 SEMTECH_ELEC-BTZS4678 Datasheet
292Kb / 4P
SILICON EPITAXIAL PLANAR ZENER DIODES
BZX55T2V4 SEMTECH_ELEC-BZX55T2V4 Datasheet
255Kb / 4P
SILICON EPITAXIAL PLANAR ZENER DIODES
BZX83C SEMTECH_ELEC-BZX83C Datasheet
162Kb / 2P
SILICON EPITAXIAL PLANAR ZENER DIODES
21/06/2007
BZT55C2V4 SEMTECH_ELEC-BZT55C2V4 Datasheet
312Kb / 5P
SILICON EPITAXIAL PLANAR ZENER DIODES
BZT-RLZ2V2A SEMTECH_ELEC-BZT-RLZ2V2A Datasheet
300Kb / 5P
SILICON EPITAXIAL PLANAR ZENER DIODES
logo
Nanjing International G...
HZ DGNJDZ-HZ Datasheet
92Kb / 4P
Silicon Epitaxial Planar Zener Diodes
ZMC1 DGNJDZ-ZMC1 Datasheet
80Kb / 2P
Silicon Epitaxial Planar Zener Diodes
ZMM1B DGNJDZ-ZMM1B Datasheet
167Kb / 8P
Silicon Epitaxial Planar Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com