Electronic Components Datasheet Search
  English  ▼

X  

SP7612 Datasheet(PDF) 14 Page - Exar Corporation

Part # SP7612
Description  Low Dropout Linear LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7612 Datasheet(HTML) 14 Page - Exar Corporation

Back Button SP7612 Datasheet HTML 6Page - Exar Corporation SP7612 Datasheet HTML 7Page - Exar Corporation SP7612 Datasheet HTML 8Page - Exar Corporation SP7612 Datasheet HTML 9Page - Exar Corporation SP7612 Datasheet HTML 10Page - Exar Corporation SP7612 Datasheet HTML 11Page - Exar Corporation SP7612 Datasheet HTML 12Page - Exar Corporation SP7612 Datasheet HTML 13Page - Exar Corporation SP7612 Datasheet HTML 14Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
Jan 09 -08 RevT
SP7612/7614 Low Dropout Linear LED driver
© 2008 EXAR Corporation
Page 14
SP7612 SP7614
ORDERING INFORMATION
Part Number
Temperature
Range
Package
RoHS
Pack Type
Pack
Quantity
Status
SP7612EC6-L
-40°C to +85°C
6 Pin SC70
Yes
Canister
Any
Active
SP7612EC6-L/TR
-40°C to +85°C
6 Pin SC70
Yes
Tape & Reel
3000
Active
SP7614EC6-L
-40°C to +85°C
6 Pin SC70
Yes
Canister
Any
Active
SP7614EC6-L/TR
-40°C to +85°C
6 Pin SC70
Yes
Tape & Reel
3000
Active
/TR = Tape and Reel
Pack quantity is 2500 for SC70
For further assistance:
Email:
customersupport@exar.com
EXAR Technical Documentation:
http://www.exar.com/TechDoc/default.aspx?
Exar Corporation
Headquarters and
Sales Office
48720 Kato Road
Fremont, CA 94538
main: 510-668-7000
fax: 510-668-7030
EXAR Corporation reserves the right to make changes to the products contained in this
publication in order to improve design, performance or reliability. EXAR Corporation assumes
no responsibility for the use of any circuits described herein, conveys no license under any
patent or other right, and makes no representation that the circuits are free of patent
infringement. Charts and schedules contained here in are only for illustration purposes and may
vary depending upon a user’s specific application. While the information in this publication has
been carefully checked; no responsibility, however, is assumed for inaccuracies.
EXAR Corporation does not recommend the use of any of its products in life support
applications where the failure or malfunction of the product can reasonably be expected to
cause failure of the life support system or to significantly affect its safety or effectiveness.
Products are not authorized for use in such applications unless EXAR Corporation receives, in
writing, assurances to its satisfaction that: (a) the risk of injury or damage has been minimized;
(b) the user assumes all such risks; (c) potential liability of EXAR Corporation is adequately
protected under the circumstances.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com