Electronic Components Datasheet Search
  English  ▼

X  

SC65D02C40C Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SC65D02C40C
Description  8-BIT MCU FOR PRESET REMOTE CONTROL (MASK TYPE)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC65D02C40C Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SC65D02C40C Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC65D02C40C Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC65D02C40C Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC65D02C40C Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC65D02C40C Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC65D02C40C Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC65D02C40C Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC65D02C40C Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC65D02C40C Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SC65D02C40
8-BIT MCU FOR PRESET REMOTE CONTROL (MASK TYPE)
DESCRIPTION
SC65D02C40 is a preset universal remote control transmitter
which uses Silan’s 8-bit MCU core SC65X. It integrates 40K-byte
MASK ROM, memory and special code transmitting module, so a
preset universal remote solution can be easily achieved only with
a few periphery components. It can preset hundreds of different
remote codes and data to control a plurality of home electric
appliances.
For universal remote control design, PC software auxiliary
function is available for reducing design cycle and improving
reliability and efficiency through code parameter setting, for which
only original data is required to get code data to be masked to
ROM.
Another universal remote control transmitter SC65D02P40 of
Silan has built-in 8K ROM and 32K OTP, and it is compatible with
SC65D02C40 in memory total capacity and function. The program
developed on SC65D02P40 can be directly used to generate the
masking program of SC65D02C40, which can be used foe small-
batch production and sample design.
FEATURES
∗ Use 8-bit MCU core SC65X.
∗ Built-in 40K-byte MASK ROM.
∗ Integrate code transmitting circuit, the carrier frequency and
duty can be set flexibly, provide 32-byte code transmitting
buffer.
∗ Maximum 20 pins for key function, support 96 keys.
∗ Use CMOS technology, operating voltage is 1.8V ~ 3.6V,
quiescent current is less than 1μA.
∗ Together with good application software, development
efficiency is high.
APPLICATIONS
∗ Preset universal remote control.
ORDERING INFORMATION
Part No.
General purpose
I/O ports
Package
Marking
SC65D02C40
16
SSOP-24-300-0.65
SC65D02C40
SC65D02C40A
16
SOP-24-375-1.27
SC65D02C40A
SC65D02C40B
20
SOP-28-375-1.27
SC65D02C40B
SC65D02C40C
20
SSOP-28-300-0.65
SC65D02C40C
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2008.12.10
Http: //www.silan.com.cn
Page 1 of 17


Similar Part No. - SC65D02C40C

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC65D02P40 SILAN-SC65D02P40 Datasheet
1Mb / 16P
8-BIT MCU FOR PRESET REMOTE CONTROL (OTP TYPE)
More results

Similar Description - SC65D02C40C

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48CA3 HOLTEK-HT48CA3 Datasheet
271Kb / 36P
8-Bit Remote Type MCU
July 16, 2003
HT48RA1 HOLTEK-HT48RA1 Datasheet
308Kb / 39P
Remote Type 8-Bit MCU
June 25, 2004
HT48CA6 HOLTEK-HT48CA6 Datasheet
279Kb / 31P
8-Bit Remote Type Low Voltage Mask MCU
July 26, 2002
HT48RA0-1 HOLTEK-HT48RA0-1 Datasheet
225Kb / 33P
Remote Type 8-Bit MCU
December 21, 2005
HT48RA1 HOLTEK-HT48RA1_07 Datasheet
272Kb / 38P
Remote Type 8-Bit MCU
October 12, 2007
HT48RA0-3 HOLTEK-HT48RA0-3 Datasheet
250Kb / 34P
Remote Type 8-Bit MCU
October 12, 2007
logo
Silan Microelectronics ...
SC65D02P40 SILAN-SC65D02P40 Datasheet
1Mb / 16P
8-BIT MCU FOR PRESET REMOTE CONTROL (OTP TYPE)
SC73C1402 SILAN-SC73C1402 Datasheet
386Kb / 19P
4BIT MCU FOR REMOTE CONTROLLER(MASK TYPE)
SC73C1602 SILAN-SC73C1602 Datasheet
487Kb / 23P
4BIT MCU FOR REMOTE CONTROLLER(MASK TYPE)
logo
Holtek Semiconductor In...
HT48RA0-6 HOLTEK-HT48RA0-6 Datasheet
3Mb / 45P
Remote Type 8-bit MCU
March 24, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com