Electronic Components Datasheet Search
  English  ▼

X  

SC5272 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SC5272
Description  REMOTE CONTROL DECODER PAIRED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC5272 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SC5272 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC5272 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC5272 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC5272 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC5272 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC5272 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC5272 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC5272 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC5272 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SC5272
BLOCK DIAGRAM
The Pin configurations are for DIP-18 package and are also some different with the SC5272 suffix
(please refer to the Pin Configuration)
ABSOLUTE MAXIMUM RATINGS(Tamb=25°C )
Characteristics
Symbol
Ratings
Unit
Supply Voltage
VCC
-0.3 ~ 6
V
Input Voltage
VIN
-0.3 ~ VCC+0.3
V
Output Voltage
VOUT
-0.3 ~ VCC+0.3
V
Maximum Power Dissipation
Pa
300
mW
Operating Temperature
Topr
-20 ~ +70
°C
Storage Temperature
Tstg
-40 ~ +125
°C
ELECTRICAL CHARACTERISTICS (Tamb=25°C,VCC=5V,unless otherwise specified)
Characteristics
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Supply Voltage
VCC
3
6
V
Dout Output driving Current
IOH
VCC=5V,VOH=3V
-3
mA
Dout Output sinking Current
IOL
VCC=5V,VOL=3V
2
mA
Input High Voltage
VIH
0.7VCC
VCC
V
Input Low Voltage
VIL
0
0.3VCC
V
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.2
2008.02.22
Http://www.silan.com.cn
Page 2 of 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com