Electronic Components Datasheet Search
  English  ▼

X  

SC5358S Datasheet(PDF) 6 Page - Silan Microelectronics Joint-stock

Part # SC5358S
Description  6CH ELECTRONIC VOLUME CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC5358S Datasheet(HTML) 6 Page - Silan Microelectronics Joint-stock

  SC5358S Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC5358S Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC5358S Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC5358S Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC5358S Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC5358S Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC5358S Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC5358S Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC5358S Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SC5358
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2004.08.03
Http: www.silan.com.cn
Page 6 of 9
When adjusting the volume of a channel both a 10dB code and a 1dB code must be send just as follows.
Example
The setting of Channel 5 is -36dB.
Start
1 0
0
0 1
0
0
0 ACK 0
1
1
0 0
0
1 1 ACK 0
1
1
1
0 1
1
0 ACK Stop
Address=88H
-30dB
-6dB
Start
1
0
0
0
1
0
0
0 ACK 0
1
1
1
0
1
1
0 ACK 0 1 1 0 0 0 1 1 ACK Stop
Address=88H
-6dB
-30dB
TYPICAL APPLICATION CIRCUIT (Address=88H)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
IN 1
IN 2
IN 3
A2
DGND
SCL
SDA
IN 4
IN 5
IN 6
OUT 6
OUT 5
OUT 4
GND
REF
Vcc
A3
OUT 1
OUT 2
OUT 3
MCU
10
F
10
F
10
F
100K
I
2C bus
10
F
10
F
10
F
10
F
10
F
10
F
Vo1
10
F
10
F
10
F
10
F
100K
100K
100K
100K
100K
100K
100K
100K
100K
100K
100K
0.1
F
10
F
Vo2
Vo3
Vo4
Vo5
Vo6
Vi6
Vi5
Vi4
Vi3
Vi2
Vi1
VCC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com