Electronic Components Datasheet Search
  English  ▼

X  

SC5387 Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SC5387
Description  3D EFFECT AUDIO PROCESSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC5387 Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SC5387 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC5387 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC5387 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC5387 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC5387 Datasheet HTML 5Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SC5387
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2004.08.03
Http: www.silan.com.cn
Page 1 of 5
3D EFFECT AUDIO PROCESSOR
DESCRIPTION
The SC5387 is a 3D Effect Audio Processor IC utilizing CMOS
Technology. It features a specially designed HRTFs filter and space-
enhanced circuit, thereby, guaranteeing excellent audio quality and
performance. Least external components, excellent 3D effect audio
output, built-in LED display driver add to the enhanced quality of SC5387.
Pin assignment and application circuit are optimized for cost saving
advantages and easy PCB layout.
FEATURES
* CMOS Technology
* Low Total Harmonic Distortion and High S/N Ratio:
THD+N<0.01%, S/N>95dB
* Built-in LED Display Driver
* Least External Components
* Wide Operating Voltage Range: 5 –9 V
* 2-Channel Output
APPLICATIONS
* Car Audio
* Mini compo
* Multimedia Audio Components
* Home Stereo
ORDERING INFORMATION
Device
Package
SC5387
DIP-8--300-2.54
SC5387S
SOP-8-225-1.27
BLOCK DIAGRAM


Similar Part No. - SC5387

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SC5387 TOSHIBA-SC5387 Datasheet
228Kb / 5P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR MEDIUM RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
SC5387S TOSHIBA-SC5387S Datasheet
228Kb / 5P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR MEDIUM RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
More results

Similar Description - SC5387

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2178 NJRC-NJM2178 Datasheet
288Kb / 10P
SRS 3D SURROUND AUDIO PROCESSOR
NJM2179 NJRC-NJM2179 Datasheet
219Kb / 8P
SRS 3D SURROUND AUDIO PROCESSOR?
NJM2180 NJRC-NJM2180 Datasheet
383Kb / 12P
TruSurround 3D AUDIO PROCESSOR?
NJM2181 NJRC-NJM2181 Datasheet
46Kb / 5P
Passive Matrix TruSurroundTM 3D AUDIO PROCESSOR
NJM2198 NJRC-NJM2198 Datasheet
84Kb / 13P
SRS 3D SURROUND AUDIO PROCESSOR
NJM2199 NJRC-NJM2199 Datasheet
63Kb / 10P
SRS 3D SURROUND AUDIO PROCESSOR
logo
Princeton Technology Co...
PT2387 PTC-PT2387 Datasheet
43Kb / 2P
3D Effect Audio Processor IC
logo
New Japan Radio
NJM2701 NJRC-NJM2701 Datasheet
212Kb / 11P
3D SURROUND AUDIO PROCESSOR
NJM2702 NJRC-NJM2702 Datasheet
152Kb / 10P
3D SURROUND AUDIO PROCESSOR
logo
Princeton Technology Co...
PT2387 PTC-PT2387_10 Datasheet
296Kb / 12P
3D Effect Audio Processor IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com