Electronic Components Datasheet Search
  English  ▼

X  

SC5399 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SC5399
Description  ECHO SOUND EFFECT PROCESSOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC5399 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SC5399 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC5399 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC5399 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC5399 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC5399 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC5399 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC5399 Datasheet HTML 7Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SC5399
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2004.08.03
Http: www.silan.com.cn
Page 2 of 7
ABSOLUTE MAXIMUM RATINGS (Tamb=25
°C)
Characteristics
Symbol
Value
Unit
Supply Voltage
VCC
6.5
V
Supply Current
ICC
100
mA
Power Dissipation
PD
1.7
W
Operation Temperature
Topr
-20~75
°C
Storage Temperature
Tstor
-25~125
°C
ELECTRICAL CHARACTERISTICS
PIN DIAGRAM
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SC5399
PIN FUNCTION
Pin No.
Symbol
Description
1
VCC
Analog supply voltage
2
REF
Analog reference voltage
3
AGND
Analog ground
4
DGND
Digital ground
5
CLK_O
System clock test pin
6
VCO
Frequency adjustable pin
7
CC1
Current control
8
CC0
Current control
9
OP1-OUT
This pin can be used as modulated integrator
10
OP1-IN
This pin can be used as demodulated integrator
(To be continued)
Characteristics
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Operating Supply Voltage
VCC
4.5
5
7.5
V
Operating Supply Current
ICC
18
30
mA
Voltage Gain
Gv
Load 47K
-0.5
2.5
dB
Power Supply Rejection Ratio
PSRR
∆VCC=0.1VCC F=100Hz
-40
-30
dB
Output Distortion
THD
Filter=Audio
0.3
1.0
%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com