Electronic Components Datasheet Search
  English  ▼

X  

SC7312 Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # SC7312
Description  4CH OUTPUT STEREO AUDIO PROCESSOR WITH 4 STEREO INPUTS AND TONE/VOLUME CONTROL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC7312 Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  SC7312 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC7312 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC7312 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC7312 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC7312 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC7312 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC7312 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC7312 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC7312 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SC7312
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.2
2004.08.03
Http: www.silan.com.cn
Page 4 of 13
(Continued)
Characteristics
Symbol
Test conditions
Min.
Typ.
Max.
Unit
Av=0,VIN=10mV
0.01
0.1
%
Av=-20dB, VIN=1Vrms
0.09
0.3
%
Distortion
d
Av=-20dB,VIN=0.3Vrms
0.04
%
Channel Separation Left/right
Sc
80
103
dB
AV=0 to –20 dB
0
1
dB
Total Tracking Error
AV=-20 to –60 dB
0
2
dB
BUS INPUTS
Input Low Voltage
VIL
1
V
Input High Voltage
VIH
3
V
Input Current
IIN
-5
+5
µA
Output Voltage SDA Acknowledge
Vo
IO=1.6mA
0.4
V
NOTES:
(1) Bass and treble response see Figure 16. The center frequency and quality of the response behavior can be
chosen by the external circuitry. A standard first order bass response can realized by a standard feedback
network.
(2) The selected input is grounded through the 2.2
µF capacitor.
PIN CONFIGURATIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
32
31
30
29
28
27
26
25
24
23
22
21
20
19
CREF
GND
VDD
OUT(R)
R3
R2
R1
LOUD L
L4
SCL
SDA
DIG GND
OUT LF
OUT RF
OUT LR
OUT RR
BOUT(R)
BIN(R)
BOUT(L)
BIN(L)
OUT(L)
IN(L)
L1
L
R
IN(R)
LOUD R
TREBLE
RIGHT
INPUTS
LEFT INPUTS
BUS
INPUTS
BASS
15
16
18
17
L2
L3
CODE
R4
NC
LEFT INPUTS —



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com