Electronic Components Datasheet Search
  English  ▼

X  

SC7315 Datasheet(PDF) 10 Page - Silan Microelectronics Joint-stock

Part # SC7315
Description  2CH OUTPUT STEREO AUDIO PROCESSOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC7315 Datasheet(HTML) 10 Page - Silan Microelectronics Joint-stock

Back Button SC7315 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC7315 Datasheet HTML 13Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
SC7315
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2004.08.03
Http: www.silan.com.cn
Page 10 of 13
3.Loudness function
MSB
LSB
Function
0
1
0
*
*
L
*
*
Loudness control
0
Loudness ON
1
Loudness OFF
Note:*=no effect
4.Bass and treble
MSB
LSB
Function
0
1
1
0
C3
C2
C1
C0
Bass
0
1
1
1
C3
C2
C1
C0
Terble
0
0
0
0
-14
0
0
0
1
-12
0
0
1
0
-10
0
0
1
1
-8
0
1
0
0
-6
0
1
0
1
-4
0
1
1
0
-2
0
1
1
1
0
1
1
1
1
0
1
1
1
0
2
1
1
0
1
4
1
1
0
0
6
1
0
1
1
8
1
0
1
0
10
1
0
0
1
12
1
0
0
0
14
C3=Sign
For Example, bass at –10dB is obtained by the following 8 bit string is: 01100010.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com