Electronic Components Datasheet Search
  English  ▼

X  

SC7422 Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SC7422
Description  2CH AUDIO POWER AMPLIFIER (W x 2)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC7422 Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SC7422 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC7422 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC7422 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC7422 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC7422 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC7422 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC7422 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC7422 Datasheet HTML 8Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SC7422
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2006.11.13
Http: www.silan.com.cn
Page 3 of 8
(Continued)
Characteristics
Symbol
Test conditions
Min.
Typ.
Max.
Unit
Output Offset Voltage
Voff
DC Vol = 0V
From +OUT to -OUT
25
50
100
mV
BTL
58
60
63
Supply
Voltage
Ripple
Rejection
SVRR
SE
F=1kHz
52
55
58
dB
Overheat to shutdown
-
120
-
Thermally protected
TH
Return to normal operation
-
80
-
°C
Shutdown = OFF
20%
30%
Input Voltage For Shutdown
Pin
VSD
Shutdown = ON
Vcc=3~5V
50%
60%
Vcc
BTL
10%
20%
Input Voltage For
SE/BTL Pin
VSB
SE
Vcc=3~5V
80%
90%
Vcc
PIN CONFIGURATION
PIN DESCRIPTION
Pin No.
Pin Name
I/O
Pin Description
1
Shutdown
I
Stand-by control, logic high active
2
VCC
--
Supply
3
DC Vol
I
Volume control
4
VO1
I
Buffer output of channel 1
5
VIN1
I
Signal input of channel 1
6
VIN2
I
Signal input of channel 2
7
VO2
I
Buffer output of channel 2
8
GND
--
Ground
9
+OUT2
O
Non inverted loudspeaker output of channel 2
10
VCC
--
Supply
11
-OUT2
O
Inverted loudspeaker output of channel 2
12
SE/BTL
I
Output mode control. When this pin is logic high, SE mode is selected.
When it is logic low, BTL mode is selected.
(To be continued)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com