Electronic Components Datasheet Search
  English  ▼

X  

SC8207 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SC8207
Description  FAN REMOTE CONTROL DECODER USED TOGETHER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC8207 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SC8207 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC8207 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC8207 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC8207 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC8207 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC8207 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC8207 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC8207 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC8207 Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SC8207 Series
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2004.08.03
Http: www.silan.com.cn
Page 2 of 9
BLOCK DIAGRAM
Oscillator
Timing
Rectifier
Decode
Key Sense
and
LED Scan
Output
Memory
Timer
Buzzer,
Swing/Light
Output
LED
Scan
Speed
Control
VDD
VSS
LOW
MED
STR
COM 1
SHO1
SHO2
LTO
OFF
DI
OSCO
OSCI
BUZ
TIMER
SPEED
MODE
SW1
LIGHT
COM 2
COM 3
SW2
ABSOLUTE MAXIMUM RATING (Tamb=25°C)
Characteristics
Symbol
Ratings
Unit
Supply Voltage
VDD
-0.3~6
V
Input/Output Voltage
VIN
VSS-0.3V ~ VDD+0.3V
V
Power Consumption
PD
500
mW
Operating Temperature
Topr
-10 ~ +70
°C
Storage Temperature
Tstg
-40~+125
°C
DC ELECTRICAL CHARACTERISTICS (unless otherwise specified, Tamb=25°C, VDD=5.0V)
Characteristics
Symbol
Test conditions
Min.
Typ.
Max.
Unit
Supply Voltage
VDD
--
3.0
5.0
6.0
V
Static Consumption Current
ISB
VDD-VSS=5V
OSC stop, no load
--
--
500
µA
Input High Level Voltage
VIH
--
0.7VDD
VDD
V
Input Low Level Voltage
VIL
--
0
--
0.3VDD
V
OFF, MODE, SPEED, TIMER
Scan Output Current
IOH
VDD=5.0V
--
10
--
mA
COM1~COM3 Scan Output
Sink Current
IOL
VDD=5.0V, Vo=0.7V
--
40
--
mA
Driver Output Current
IOL
VDD=5.0V, Vo=0.7V
--
10
--
mA
Buzzer Output Current
IOH
VDD=5.0V, Vo=4.3V
--
5
--
mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com