Electronic Components Datasheet Search
  English  ▼

X  

SC8562 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SC8562
Description  DIGITAL ALARM CLOCK WITH LED DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC8562 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SC8562 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC8562 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC8562 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC8562 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC8562 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC8562 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC8562 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC8562 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC8562 Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SC8562
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS (Tamb =25°C, Vss =0V)
Characteristics
Symbol
Condition
Value
Unit
Supply Voltage
VDD max.
-17.0 ~ + 0.3
V
Input Voltage
VIN
-17.0 ~ + 0.3
V
Output Voltage
VOUT
-17.0 ~ + 0.3
V
Allowable Power Dissipation
Pd max
Tamb=70
°C
700
mW
Operating Temperature
Topr
-20 ~ +70
°C
Storage Temperature
Tstg
-55~+125
°C
ALLOWABLE OPERATING CONDITIONS (Tamb=-20 to 70°C, VSS=0V)
Characteristics
Symbol
Test conditions
Min.
Typ.
Max.
Unit
Supply Voltage
VDD
-14.0
-8
V
Standby Voltage
VST
-7.5
V
Input High-Level Voltage 1
VIH1
AC input pin
VSS-1
VSS
V
Input Low-Level Voltage 1
VIL1
VDD+2
V
Input High-Level Voltage 2
VIH2
CR OSC pin
VSS-1
VSS
V
Input Low-Level Voltage 2
VIL2
VDD+2
V
Input High-Level Voltage 3
VIH3
3-level input pins
VSS-0.7
VSS
V
Input Mid-Level Voltage
VIM
1/2 VDD-1
1/2 VDD+1
V
Input Low-Level Voltage 3
VIL3
VDD
VDD+1
V
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV: 1.1
2008.04.29
Http://www.silan.com.cn
Page 2 of 10



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com