Electronic Components Datasheet Search
  English  ▼

X  

SC9260S Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SC9260S
Description  2CH ELECTRONIC VOLUME CONTROLLER CONTROLLED BY SERIAL INTERFACE WITH LOUDNESS CONTROL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9260S Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SC9260S Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9260S Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9260S Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9260S Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9260S Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9260S Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9260S Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9260S Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9260S Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SC9260
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2004.08.03
Http: www.silan.com.cn
Page 2 of
12
ABSOLUTE MAXIMUM RATINGS (Tamb=25°C)
Characteristics
Symbol
Value
Unit
Supply Voltage
VDD
-0.3~15
V
Input Voltage
VIN
-0.3~VDD+0.3
V
Power Dissipation
PD
300
mW
Operating Temperature
Topr
-40~85
°C
Storage Temperature
Tstg
-55~150
°C
ELECTRICAL CHARACTERISTICS (Unless otherwise specified, Tamb=25°C, VDD=9 V)
Characteristics
Symbol
Test condition
Min.
Typ.
Max.
Unit
Operating Supply Voltage
VDD
Tamb=-40~85
°C
4.5
9.0
12
V
Operating Supply Current
IDD
No load
-
0.3
1.0
mA
“H”Level
VIH(1)
4.0
-
VDD
Input Voltage
“L”Level
VIL(1)
CK, DATA, STB input pin
VDD=4.5~12V
0
-
1.0
V
“H”Level
VIH(2)
VDDx0.
7
-
VDD
Input Voltage
“L”Level
VIL(2)
CS input pin
0
-
VDDx0.
3
V
“H”Level
IIH
VIH=VDD
-1
-
1
Input Current
“L”Level
IIL
All input pin
VIL=0V
-1
-
1
µA
Volume Resistance Value
RVR
Loudness “OFF”
20
28
37
k
Ω
Analog Switch ON Resistance
RON
-
-
250
600
Ω
Attenuation Error
∆ATT
-
0
±2
dB
Volume Balance Between Left
And Right
∆RVR
Volume error between left
and right
-
0
±3
%
Total Harmonic Distortion
THD
0dB
-
0.01
-
%
Maximum Attenuation
ATTM
dB
-
100
-
dB
Cross Talk
CT
-
100
-
dB
Output Noise Voltage
VN
fIN=1kHz
VIN=1Vrms
RL=100K
Ω
Rg=600
Ω
0dB
-
2.0
-
µVrms
Operation Frequency
fop
CK, DATA, STB
-
-
500
kHz
TCK
CK input
-
0.5
1.0
Minimum Pulse Width
TSTB
STB input
-
1.0
2.0
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com