Electronic Components Datasheet Search
  English  ▼

X  

SC9308P Datasheet(PDF) 6 Page - Silan Microelectronics Joint-stock

Part # SC9308P
Description  AUDIO SYSTEM CONTROL MCU WITH ANALOG RADIO FUNCTION
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9308P Datasheet(HTML) 6 Page - Silan Microelectronics Joint-stock

Back Button SC9308P Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9308P Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9308P Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9308P Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9308P Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9308P Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9308P Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9308P Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC9308P Datasheet HTML 10Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
SC9308
HANGZHOU MICROELECTRONICS CO.,LTD
REV:1.1
2008.10.20
Http://www.silan.com.cn
Page 6 of 17
SHARED PIN DESCRIPTION
Pin no.
Shared pin
I/O
Descriptions
12
TXD
O
Serial communication data output
13
RXD
I
Serial communication data input
1-4
INT0-INT3
I
External interrupt input
5
TCL0
I
External counting pulse/clock input of timer 0
6
TCL1
I
External counting pulse/clock input of timer 1
8
BUZ
O
Buzzer signal output
9~11
KS0-KS2
I
Key scan input, can generate interrupt
12
TCLO0
O
Frequency division output of timer 0
13
TCLO1
O
Frequency division output of timer 1
16
VPP
-
High voltage pin, when download OTP, connects to 12V voltage
31~38
PE0~PE7
I/O
General purpose I/O port PORTE
39~44
PF0~PF5
I/O
General purpose I/O port PORTF
21
XIN4M
I
High frequency crystal input<ADC channel forbids>
22
XOUT4M
O
High frequency crystal output <ADC channel forbids>
FUNCTION DESCRIPTION
SC9308 has embedded SC65X core and 8K-byte OTP program memory, the data memory is 384-byte. Built-in
RC oscillator generates 3.2MHz clock frequency, and after 1/2,1/4 divided frequency, It can also be used as
system main clock together with external 75KHz crystal or extended high speed clock by PC4/5 to implement
applications in different modes, thus to maximize reduce the power consumption. The built-in counting circuit can
count the local oscillator signal frequency. In addition, it has three 8-bit counters T0/T1/T2. T0/T1 can be used
separately and also be used as 16-bit counter. The built-in RTC module can provides powerful calendar/alarm
functions, and provides 4 kinds of frequency BUZ signals. PA/B/C/E/F can provide max. 31 I/O ports, where
PA/B has pull-up configuration and selectable open-drain output function, PC can be shared as ADC analog pin
of ADC, PE/F can be used as LCD display data scan output. LCD driver can drive seven 8-segment display in
maximum, and bias voltage 1/3 and 1/2 are selectable, duty is 1/2, 1/3, 1/4 programmable control to meet the
various display requirements.
MCU Address Space
MCU uses 16-bit address bus, the maximum addressing space is 64-kByte (0000H~FFFFH). The address
assignment of memory space is as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com