Electronic Components Datasheet Search
  English  ▼

X  

SC9638FP Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SC9638FP
Description  CD SERVO CONTROLLER WITH MCU (WITH CLOCK AND RADIO FREQUENCY DISPLAY)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9638FP Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SC9638FP Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9638FP Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9638FP Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9638FP Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9638FP Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9638FP Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9638FP Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9638FP Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9638FP Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SC9638FP
(Continued)
Pin no.
Pin name
I/O
Descriptions
39
RAD
--
Tracking drive output
40
FOC
--
Focus drives output.
41
SLED
--
Sled drive output.
42
MOTO
--
Spindle drive output.
43
VDD
--
Servo power.
44
GND
--
Servo ground, I/O port ground
45
V2/SLED_SW
--
Sled motor position monitor signal input, with pull-up resistor.
46
LDON
--
Laser control signal.
47
VSSA1
--
Servo module ADC analog ground.
48
VDDA1
--
Servo module ADC analog power.
49
B
--
Central diode B signal input
50
A
--
Central diode A signal input
51
C
--
Central diode C signal input
52
D
--
Central diode D signal input
53
F
--
Satellite diode F signal input
54
E
--
Satellite diode E signal input
55
VCOM
--
Common voltage input.
56
ISLICE
--
Data signal feedback current output
57
HFIN
--
Disk data pick up signal input
58
HFREF
--
Reference signal
59
VSSA2
--
Servo HF and PLL analog ground
60
VDDA2
--
Servo HF and PLL analog power
61
CRIN
I
8.4672MHz input
62
CROUT
O
8.4672MHz output
63
PA.7
--
I/O port
64
PA.6
--
I/O port
FUNCTION DESCRIPTIONS
1. LED
The LED panel as follows:
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2008.03.24
Http: www.silan.com.cn
Page 5 of 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com