Electronic Components Datasheet Search
  English  ▼

X  

SC9642 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SC9642
Description  CAR-CD DIGITAL SERVO SIGNAL PROCESSOR(SLAVE MODE)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9642 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SC9642 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9642 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9642 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9642 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9642 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9642 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9642 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9642 Datasheet HTML 8Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SC9642
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2008.03.24
Http: www.silan.com.cn
Page 2 of 9
ABSOLUTE MAXIMUM RATINGS (Tamb=25°C)
Characteristic
Symbol
Value
Unit
Supply Voltage
VDD
-0.5 ~ +5.5
V
Input Voltage On Pins
VIN
-0.5 ~ VDD + 0.5
V
Operating Temperature
Tmax
-40 ~ +85
°C
ELECTRICAL CHARACTERISTICS(VDD=3.4~5.5V;VSS=0V;Tamb=-10~+60°C)
Characteristics
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Supply Voltage
VDD
4.5
5.0
5.5
V
Supply Current
IDD
5V; 1X Speed
-
45
-
mA
RFIN Input Signal
VRFIN
-
1.0
-
V
Reference Voltage
VIr
-
0.5VDD
-
V
Common Mode DC
VVCOM
2.0
2.5
-
V
Output ADC Reference Voltage
VVadc
VVCOM+
0.462
-
VVCOM+
2.313
V
Input Current Of Central Diode B
IB
0
-
10
μA
Input Current Of Central Diode A
IA
0
-
10
μA
Input Current Of Central Diode C
IC
0
-
10
μA
Input Current Of Central Diode D
ID
0
-
10
μA
Input Current Of Satellite Diode F
IF
0
-
5
μA
Input Current Of Satellite Diode F
IE
0
-
5
μA
Data Slicer Feed-back Current
Output
IIdata
1.9
-
5.5
μA
LDON Low Level Output Current
ILDON
0
-
2
mA
ERR Output Current
IERR
0
1
-
mA
DATA_OUT
WCLK_OUT
SCLK_OUT
Output Current
IOH1
IOL1
0
1
-
mA
DATA_OUT
WCLK_OUT
SCLK_OUT
Low Level Output Voltage
VOL1
IOL1=1mA
0
-
0.4
V
DATA_OUT
WCLK_OUT
SCLK_OUT
High Level Output Voltage
VOH1
IOH1=-1mA
VDD-0.4
-
VDD
V
RAD Output Current
IRAD
0
1
-
mA
FOC Output Current
IFOC
0
1
-
mA
SLED Output Current
ISLED
0
1
-
mA
(To be continued)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com