Electronic Components Datasheet Search
  English  ▼

X  

SC16426 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SC16426
Description  64-BIT LED STATIC DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC16426 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SC16426 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC16426 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC16426 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC16426 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC16426 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC16426 Datasheet HTML 6Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SC16426
DC ELECTRICAL CHARACTERISTICS (Unless otherwise specified, Tamb=25°C, VDD=3V)
Parameter
Symbol
Test conditions
Min.
Typ.
Max.
Unit
Operating Voltage
VDD
Normal working
2.0
3.0
5.0
V
Quiescent Current
IDS
no load
0.8
1.0
μA
SEG Output Low Level Current
IOL
VDD=3V, VOL=0.3V
--
22
--
mA
PIN CONFIGURATION
PIN DESCRIPTIONS
Pin no.
Name
Descriptions
1
ERR
Communication checking error, when CEB is at the falling edge, it is high
level, while the rising edge is low level.
2
VDD
Power supply, operating voltage is 2~5V
3~6
SEG0~3
Segment drive, drive current is22mA; When DATA is 0, LED output low
level; when DATA is 1, output is high impedance state
7
GND
Ground
8~15
SEG4~11
Segment drive, drive current is22mA; When DATA is 0, LED output low
level; when DATA is 1, output is high impedance state
16
GND
Ground
17~24
SEG12~19
Segment drive, drive current is22mA; When DATA is 0, LED output low
level; when DATA is 1, output is high impedance state
25
GND
Ground
26~33
SEG20~27
Segment drive, drive current is22mA; When DATA is 0, LED output low
level; when DATA is 1, output is high impedance state
34
GND
Ground
35~38
SEG28~31
Segment drive, drive current is22mA; When DATA is 0, LED output low
level; when DATA is 1, output is high impedance state
39
GND
Ground
40
DATA
Communication data
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2008.07.18
Http: //www.silan.com.cn
Page 2 of 7



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com