Electronic Components Datasheet Search
  English  ▼

X  

SC16458 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SC16458
Description  LED DRIVER IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC16458 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SC16458 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC16458 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC16458 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC16458 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC16458 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC16458 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC16458 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC16458 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC16458 Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SC16458
ELECTRICAL CHARACTERISTICS (unless otherwise stated, VDD=5V, VSS=0V, Tamb=25°C)
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.2
2004.8.31
Http: www.silan.com.cn
Page 2 of 10
Note: test condition: set display control commands=80H (display turn OFF state)
PIN CONFIGURATIONS
1
2
3
4
5
6
7
8
28
27
14
13
12
11
10
9
16
15
18
17
20
19
22
21
24
23
26
25
SC16458
PIN DESCRIPTIONS
Pin NO.
Pin name
Description
1
CLK
Clock input pin. This pin reads serial data at the rising edge.
2
STB
Serial interface strobe pin. The data input after the STB has fallen is
processed as a command. When this pin is “HIGH”, CLK is ignored.
3~5, 15, 18,
19, 24, 27
NC
No connection
6
VDD
Logic power supply
7~14, 16~17
SEG1 ~ SEG8,
SEG9~SEG10
Segment output pins (p-channel, open drain)
20~23
G4 to G1
Grid output pins (n-channel, open drain)
25
VSS
Ground
26
OSC
Oscillator input pin.
This pin requires a resistor to obtain the accurate oscillation frequency.
28
DIN
Data input pin. This pin inputs serial data at the rising edge of the shift
clock (starting from the lower bits).
Characteristics
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Logic Supply Voltage
VDD
4.5
5
5.5
V
Dynamic Current (note)
IDDdyn
--
--
5
mA
IOHSG1
VO=VDD-1V
SEG1 to SEG10
-10
-14
--
mA
High-Level Output Current
IOHSG2
VO=VDD-2V
SEG1 to SEG10
-20
-25
--
mA
Low-Level Output Current
IOLGR
VO=0.3V, G1 to G5
100
140
--
mA
Segment High-Level Output Current
Tolerance
ITOLSG
VO=VDD-1V
SEG1 to SEG10
--
--
±5
%
High-Level Input Voltage
VIH
--
0.7VDD
--
5
V
Low-Level Input Voltage
VIL
--
0
--
0.3VDD
V
Oscillation Frequency
Fosc
R=51k
Ω
350
500
650
kHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com