Electronic Components Datasheet Search
  English  ▼

X  

SC16722 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SC16722
Description  CASCADE LED DRIVER OF HEAVY CURRENT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC16722 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SC16722 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC16722 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC16722 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC16722 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC16722 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC16722 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC16722 Datasheet HTML 7Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SC16722
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
R EV:1.0
2006.04.19
http: www.silan.com.cn
Page 2 of 7
ABSOLUTE MAXIMUM RATINGS (Tamb=25°C)
Characteristics
Symbol
Ratings
Unit
Power Supply Voltage
VDD
0~+5.0
V
Input Voltage
VIN
-0.4~ VDD +0.4
V
Output Current
IOUT
30
mA
Output Voltage
VOUT
-0.5~ VDD +0.5
V
Clock Frequency
FCLK
15
MHz
Power Dissipation
PD
600
mW
Pin Temperature
TL
260(10S)
°C
Operating Temperature
Topr
-40~+85
°C
Storage Temperature
Tstg
-65~+150
°C
RECOMMANDED OPERATING CONDITIONS
Characteristics
Symbol
Test conditions
Min.
Typ.
Max.
Unit
Operating Voltage
VDD
2.0
6.0
V
Output Voltage
VOUT
-40~85
°C
5
V
IOUT
Driving output
25
30
mA
IOH
Other output
1.0
mA
Output Current
IOL
Other output
-1.0
mA
VIH
4
5
5.5
V
Input Voltage
VIL
-0.3
2.1
V
Clock Frequency
FCLK
15
MHz
Clock High Level Width
CLKH
25
ns
Clock Low Level Width
CLKL
25
ns
Signal Set-up Tme
SETUP
10
ns
Signal Hold Time
HOLD
10
ns
Power Dissipation
CLKH
450
mW
Clock Low Level Width
CLKL
25ns
ns
Storage Temperature
Tstg
-40~+100
°C
ELECTRICAL CHARACTERISTICS
Characteristics
Symbol
Test
conditions
VDD
Tamb=25
°C
Tamb=
-40~85
°C
Tamb=
-55~125
°C
Unit
TYP.
Limit value
2.0
2.0
1.9
1.9
1.9
V
4.5
4.5
4.4
4.4
4.4
V
The Minimum
Output High Level
VOH
VIN= VIH or VIL
IOUT <30
6.0
6.0
5.9
5.9
5.9
V
TYP.
Limit value
2.0
0
0.1
0.1
0.1
V
4.5
0
0.1
0.1
0.1
V
The Maximum
Output Low Level
VOL
VIN= VIH or VIL
IOUT <30
6.0
0
0.1
0.1
0.1
V
The Maximum
Input Current
IIN
VIN=
VDD
or
GND
6.0
±0.1
±0.1
±0.1
µA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com