Electronic Components Datasheet Search
  English  ▼

X  

SC46166S Datasheet(PDF) 7 Page - Silan Microelectronics Joint-stock

Part # SC46166S
Description  300mA ,500KHZ HIGH EFFICIENCY STEP-UP DC/DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC46166S Datasheet(HTML) 7 Page - Silan Microelectronics Joint-stock

Back Button SC46166S Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC46166S Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC46166S Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC46166S Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC46166S Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC46166S Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC46166S Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC46166S Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC46166S Datasheet HTML 10Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SC46166
(Continued)
TYPICAL ELECTRICAL CHARACTERISTICS CURVES (Tamb=25°C, Unless otherwise specified)
Output ripple & LX
Time (1us/Div)
VIN=1.5V,VOUT=3.3V@100mA
Output ripple & LX
Time (1us/Div)
VIN=3V,VOUT=5V@100mA
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.2
2008.07.04
Http://www.silan.com.cn
Page 7 of 11



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com