Electronic Components Datasheet Search
  English  ▼

X  

SC46208 Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # SC46208
Description  1.25MHz, 600mA, HIGH EFFICIENCY SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC46208 Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  SC46208 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC46208 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC46208 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC46208 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC46208 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC46208 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC46208 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC46208 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC46208 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SC46208
PIN CONFIGURATION
SC46208
5
4
1
2
3
EN
GND
SW
FB/VOUT
VIN
PIN DESCRIPTION
Pin no.
Pin name
I/O
Descriptions
1
EN
I
Enable input port, this pin should not float.
2
GND
--
Ground.
3
SW
I/O
Power switch which connect to inductor and output voltage.
4
VIN
--
Supply input pin.
5
FB/VOUT
I
Output voltage feedback pin. In the adjustable version, this pin used for
connecting external resistive divider.
FUNCTION DESCRIPTIONS
SC46208 is a 1.25MHz constant frequency, current mode PWM step-down converter. The device integrates
PMOS switch and a NMOS synchronous rectifier. It also includes a voltage reference, error amplifier, oscillator,
PWM comparator, current comparator, slope compensation, current sense, logic driver, etc...
In normal PWM mode, in one cycle, when the oscillator sets RS trigger, internal PMOS conduct, while PWM
comparator resets the RS trigger, PMOS is cut off, the peak current of inductor is controlled by error amplifier
output. When PMOS is off, the synchronous NMOS will be turned on and stay on until the inductor current
reverses (controlled by current comparator ICOMP) or the next clock cycle begins.
SC46208 detects the load current automatically, when the load current decreases to a threshold(relate to the
input/output voltage and inductance), the system starts power saving mode. In this mode, the dissipation
current is only 20
μA, thus to improve the conversion efficiency under light loads. Pay attention to the ripple of
output voltage, you can add a phase-lead capacitor (pF grade) between the VOUT and FB to reduce the ripple
in power saving mode.
Dropout Operation
When the input voltage decreases toward the value of output voltage, the duty increases, and the input voltage
decrease more, PMOS switch on in one cycle and the duty reaches 100%. The output voltage then is the input
voltage minus the voltage drop across the PMOS switch and the inductor.
Short Circuit Protection
When the output is short to ground, the frequency of internal oscillator decreases to 600KHz in order to remain
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2008.09.10
Http://www.silan.com.cn
Page 4 of 11



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com