Electronic Components Datasheet Search
  English  ▼

X  

SC92031 Datasheet(PDF) 6 Page - Silan Microelectronics Joint-stock

Part # SC92031
Description  10/100 MBPS INTEGRATED PCI ETHERNET MEDIA ACCESS CONTROLLER AND PHYSICAL LAYER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC92031 Datasheet(HTML) 6 Page - Silan Microelectronics Joint-stock

Back Button SC92031 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC92031 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC92031 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC92031 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC92031 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC92031 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC92031 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC92031 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC92031 Datasheet HTML 10Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
SC92031
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2004.08.03
Http: www.silan.com.cn
Page 6 of 38
(Continued)
Pin No.
Symbol
Description
Power Pins
6,21,33,42,
84,97
VDD
67
VDD_IR
+3.3V (Digital)
52,60,66
VDDAH_RX
VDDAH_CM
AVDD
+3.3V (Analog)
2,17,
30,38,39, 51
GND
Ground
55, 58, 63
VSA_RX
VSA_CM
AGND
Ground (Analog)
LED Interface
76,75,74,72
ACT, LINK,
SPEED,DUPL
EX
LED0 displays for activity status. This pin will be driven with 5 Hz frequency
when either effective receiving or transmitting is detected.
LED1 displays for link status.
LED2 displays for 100 M link status.
LED3 displays for full-duplex mode.
64
65
TX+
TX-
100/10BASE-T transmit (Tx) data
54
53
RX+
RX-
100/10BASE-T receive (Rx) data
62
XTAL25I
25 MHz crystal/OSC. Input
61
XTAL25O
Crystal feedback output, This output is used in crystal connection only. It
must be left open when X1 is driven with an external 25 MHz oscillator.
Multi-Function Interface
78
REQB2
Request2, The 2nd device will assert this pin low to request the ownership
of the PCI bus.
79
GNTB2
Grant2, This signal is asserted low to indicate that the central arbiter has
granted ownership of the bus to the 2nd device.
73
IDSEL2
Initialization device select 2, Used as a chip-select during configuration read
and write transactions to the 2nd device.
Test And Other Pins
70
69
TM0
TM1
Chip test pin
34
ROM_OE
ROM Chip Select and Output Enable, This is the chip select signal and
output enable for the Boot PROM.
(To be continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com