Electronic Components Datasheet Search
  English  ▼

X  

MA4ST340 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MA4ST340
Description  Low-Voltage / Wide Band Si Hyperabrupt Varactors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4ST340 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MA4ST340 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4ST340 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4ST340 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4ST340 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4ST340 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Low-Voltage / Wide Band Si Hyperabrupt Varactors
Rev. V7
MA4ST300 Series
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Surface Mount Packages (SC70 3LD, SC79,
SOD-323)
• High Capacitance Ratio at Low Voltages
• High Q at Low Voltages
• SPC Process for Superior C-V Repeatability
• Available as Single and Common Cathode Pairs
• Tape and Reel Packaging
• Designed for Commercial Wireless Applications
• Also offering RoHS Compliant Equivalent Parts
Description
The
MA4ST300
series
are
ion-implanted,
hy-
perabrupt junction, silicon tuning varactors in SC79,
SC70 3LD, and SOD-323 surface mount packages.
This series of varactors is designed for high capaci-
tance ratio and low voltage operation. Each varactor
type has a better than 3:1 capacitance ratio between
0.5V and 3.0V.
Applications
The MA4ST300 series tuning varactors are useful
for wide band tuning and low phase noise applica-
tions where the supply voltage is limited to 5 volts or
less.
These varactors have been specifically de-
signed to cover wireless application bands up to the
2.4 GHz WLAN band.
Applications include VCOs
and voltage tuned filters.
Absolute Maximum Ratings
1,2
@ TA=+25 °C (Unless Otherwise Noted)
1. Operation of this device above any one of these parameters
may cause permanent damage.
2. Please refer to application note M538 for surface mounting
instructions
Parameter
Absolute Maximum
Reverse Voltage
12 V
Forward Current
50 mA
Operating Temperature
-55 °C to +125 °C
Storage Temperature
-55 °C to +125 °C
Total Power Dissipation
250 mW
Part Number
RoHs Compliant Part Number
MA4ST320
MAVR-000320
MA4ST330
MAVR-000330
MA4ST340
MAVR-000340
MA4ST350
MAVR-000350
0.25
0.5
0.75
1.0
2.0
3.0
350
FREQUENCY (GHz)
JCT
NMT
AMPS
TACS
NMT
IS-136/95
GSM
PDC
CT2
Active Pagers
DECT
PHP
DCS1800
WLAN
GPS
PCS
SMR
340
330
320
Typical Device Selection by Frequency
RoHS Compliant Parts
Specifications are subject to change without prior notification


Similar Part No. - MA4ST340

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4ST340 MACOM-MA4ST340 Datasheet
69Kb / 4P
Low - Voltage / Wide Band Si Hyperabrupt Varactors
MA4ST340 MACOM-MA4ST340 Datasheet
100Kb / 5P
Low-Voltage / Wide Band Si Hyperabrupt Varactors
More results

Similar Description - MA4ST340

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4ST300 MACOM-MA4ST300 Datasheet
69Kb / 4P
Low - Voltage / Wide Band Si Hyperabrupt Varactors
MA4ST200 MACOM-MA4ST200_1 Datasheet
119Kb / 5P
Low-Voltage / High Q Si Hyperabrupt Varactors
MA4ST300 MACOM-MA4ST300_1 Datasheet
100Kb / 5P
Low-Voltage / Wide Band Si Hyperabrupt Varactors
logo
M/A-COM Technology Solu...
MA4ST200 MA-COM-MA4ST200 Datasheet
126Kb / 5P
Low-Voltage / High Q Si Hyperabrupt Varactors
MA4ST200_V5 MA-COM-MA4ST200_V5 Datasheet
126Kb / 5P
Low-Voltage / High Q Si Hyperabrupt Varactors
MA4ST300_V7 MA-COM-MA4ST300_V7 Datasheet
104Kb / 5P
Low-Voltage / Wide Band Si Hyperabrupt Varactors
MA4ST300 MA-COM-MA4ST300 Datasheet
104Kb / 5P
Low-Voltage / Wide Band Si Hyperabrupt Varactors
MAVR-000200 MA-COM-MAVR-000200 Datasheet
465Kb / 7P
Low-Voltage / High Q Si Hyperabrupt Varactors
MA4ST200 MA-COM-MA4ST200_15 Datasheet
126Kb / 5P
Low-Voltage / High Q Si Hyperabrupt Varactors
MA4ST300 MA-COM-MA4ST300_15 Datasheet
104Kb / 5P
Low-Voltage / Wide Band Si Hyperabrupt Varactors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com