Electronic Components Datasheet Search
  English  ▼

X  

MAAMSS0001 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAMSS0001
Description  Low Noise CATV Amplifier 50 - 870 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAMSS0001 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAMSS0001 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAMSS0001 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAMSS0001 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAMSS0001 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Low Noise CATV Amplifier
50 - 870 MHz
Rev. V2
MAAMSS0001
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Low Noise Figure
• Low Distortion
• Surface Mount Package
• Push-Pull Design Application
• Single Positive Supply
Description
M/A-COM’s MAAMSS0001 is a GaAs PHEMT MMIC
amplifier in a surface mount SOICN-16 package.
The MMIC design is configured as a pair of cascode
PHEMT amplifiers for broadband performance. It is
designed for integration in a 75-ohm push-pull low
distortion amplifier circuit.
The device is ideally
suited for use in CATV, DBS, and DTV applications
where low noise figure, low distortion and high
linearity are required.
Pin Configuration
PIN No.
PIN Name
Description
1
FB1
Feedback 1
2
RI1
RF Input 1
3
RI1
RF Input 1
4
GND
Ground
5
GND
Ground
6
RI2
RF Input 2
7
RI2
RF Input 2
8
FB2
Feedback 2
9
N/C
No Connection
10
GND
Ground
11
RO2
RF Output 2
12
GND
Ground
13
GND
Ground
14
RO1
RF Output 1
15
GND
Ground
16
GND
Ground
Ordering Information
1
Part Number
Package
MAAMSS0001
SOICN-16 Plastic Package
MAAMSS0001TR
7 inch, 1000 piece reel
MAAMSS0001SMB
Sample Test Board
(Includes 5 Samples)
1. Reference Application Note M513 for reel size information.
Parameter
Absolute Maximum
Input Power
+20 dBm
Operating Voltage
+10 volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings
2
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
Functional Schematic


Similar Part No. - MAAMSS0001

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAMSS0001 MACOM-MAAMSS0001 Datasheet
279Kb / 5P
Low Noise CATV Amplifier 50 - 870 MHz
MAAMSS00014SMB-01 MACOM-MAAMSS00014SMB-01 Datasheet
240Kb / 5P
Broadband Driver Amplifier 500 - 2400 MHz
logo
M/A-COM Technology Solu...
MAAMSS00014SMB-01 MA-COM-MAAMSS00014SMB-01 Datasheet
143Kb / 6P
Broadband Driver Amplifier 500 - 2400 MHz
logo
Tyco Electronics
MAAMSS00014SMB-02 MACOM-MAAMSS00014SMB-02 Datasheet
240Kb / 5P
Broadband Driver Amplifier 500 - 2400 MHz
logo
M/A-COM Technology Solu...
MAAMSS00014SMB-02 MA-COM-MAAMSS00014SMB-02 Datasheet
143Kb / 6P
Broadband Driver Amplifier 500 - 2400 MHz
More results

Similar Description - MAAMSS0001

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACA1205 ANADIGICS-ACA1205 Datasheet
231Kb / 12P
750/870 MHZ CATV LINE AMPLIFIER
Rev. 2.0
logo
Tyco Electronics
MAAMSS0067 MACOM-MAAMSS0067 Datasheet
115Kb / 4P
Low Noise CATV Amplifier 50 - 1000 MHz
MAAM-007724-000000 MACOM-MAAM-007724-000000 Datasheet
115Kb / 4P
Low Noise CATV Amplifier 50 - 1005 MHz
MAAMSS0001 MACOM-MAAMSS0001 Datasheet
279Kb / 5P
Low Noise CATV Amplifier 50 - 870 MHz
MAAMSS0003 MACOM-MAAMSS0003 Datasheet
226Kb / 4P
Low Noise CATV Amplifier 50 - 1000 MHz
MAAMSS0040 MACOM-MAAMSS0040 Datasheet
229Kb / 4P
Low Noise CATV Amplifier 50 - 870 MHz
logo
M/A-COM Technology Solu...
MAAMSS0003 MA-COM-MAAMSS0003 Datasheet
93Kb / 4P
Low Noise CATV Amplifier 50 - 1000 MHz
MAAMSS0040 MA-COM-MAAMSS0040 Datasheet
107Kb / 4P
Low Noise CATV Amplifier 50 - 870 MHz
MAAMSS0067 MA-COM-MAAMSS0067 Datasheet
94Kb / 4P
Low Noise CATV Amplifier 50 - 1000 MHz
MAAM-007724 MA-COM-MAAM-007724 Datasheet
94Kb / 4P
Low Noise CATV Amplifier 50 - 1005 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com