Electronic Components Datasheet Search
  English  ▼

X  

MAAMSS0007 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAMSS0007
Description  High Output IP3 Driver Amplifier 1700 - 2500 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAMSS0007 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAMSS0007 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAMSS0007 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAMSS0007 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAMSS0007 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAMSS0007 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
•
North America Tel: 800.366.2266 / Fax: 978.366.2266
•
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
•
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
High Output IP3 Driver Amplifier
1700 - 2500 MHz
Rev. V4
MAAMSS0007
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications5: TA = +25°C, VCC = 5 V, Z0 = 50 Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
6
2050 MHz
dB
12
13
15
Noise Figure
7
2050 MHz
dB
—
5.5
—
Input Return Loss
2050 MHz
dB
10
12
—
Output Return Loss
2050 MHz
dB
10
15
—
Output P1dB
2050 MHz
dBm
—
24.5
—
Output IP3
Two tone, -5 dBm/tone, 10 MHz spacing, 2050 MHz
dBm
—
42
—
Current
VCC = 5V
mA
80
100
120
5. Pin < 0 dBm unless otherwise specified.
6. Gain varies at –0.008 dB/°C typical.
7. Noise figure varies at 0.017 dB/°C typical.
Component List
Part
Value
Case Size
Manufacturer
C1,C6
1000 pF
0402
Murata
C2
1.5 pF
0402
Murata
C3
39 pF
0402
Murata
C4
0.3 pF
0402
ATC
C5,C7
0.01 pF
0402
Murata
L1
33 nH
0603
Coilcraft
R1
634 Ohms
0402
Panasonic
PCB Layout
Operating the MAAMSS0007
The MAAMSS0007 can be damaged by electrostatic
discharge (ESD). Use proper ESD control
techniques when handling this device. To operate
the MAAMSS0007, follow these steps.
1. Apply VCC (5.0 V).
2. Set PIN.
3. Turn off in reverse order.
Schematic Including Off-Chip
Components for 1700 - 2500 MHz
Note:
DC Bias and VCC may be connected to the same
+5 VDC Supply.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com