Electronic Components Datasheet Search
  English  ▼

X  

XR16M698 Datasheet(PDF) 9 Page - Exar Corporation

Part # XR16M698
Description  1.62V TO 3.63V HIGH PERFORMANCE OCTAL UART WITH 32-BYTE FIFO
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16M698 Datasheet(HTML) 9 Page - Exar Corporation

Back Button XR16M698 Datasheet HTML 5Page - Exar Corporation XR16M698 Datasheet HTML 6Page - Exar Corporation XR16M698 Datasheet HTML 7Page - Exar Corporation XR16M698 Datasheet HTML 8Page - Exar Corporation XR16M698 Datasheet HTML 9Page - Exar Corporation XR16M698 Datasheet HTML 10Page - Exar Corporation XR16M698 Datasheet HTML 11Page - Exar Corporation XR16M698 Datasheet HTML 12Page - Exar Corporation XR16M698 Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
XR16M698
9
REV. 1.0.0
1.62V TO 3.63V HIGH PERFORMANCE OCTAL UART WITH 32-BYTE FIFO
2.5
Crystal Oscillator
The 698 includes an on-chip oscillator. The crystal oscillator provides the system clock to the Baud Rate
Generators (BRG) in each of the 8 UARTs, the 16-bit general purpose timer/counter and internal logics. XTAL1
is the input to the oscillator or external clock buffer input with XTAL2 pin being the output. For programming
details, see “Section 2.6, Programmable Baud Rate Generator with Fractional Divisor” on page 9.
The on-chip oscillator is designed to use an industry standard microprocessor crystal (parallel resonant,
fundamental frequency with 10-22 pF capacitance load, ESR of 20-120 ohms and 100ppm frequency
tolerance) connected externally between the XTAL1 and XTAL2 pins (see Figure 3). Alternatively, an external
clock can be connected to the XTAL1 pin to clock the internal 8 baud rate generators for standard or custom
rates. The typical oscillator connections are shown in Figure 3. For further reading on oscillator circuit please
see application note DAN108 on EXAR’s web site.
FIGURE 3. TYPICAL OSCILLATOR CONNECTIONS
C1
22-47pF
C2
22-47pF
24 MHz
XTAL1
XTAL2
R=300K to 400K
2.6
Programmable Baud Rate Generator with Fractional Divisor
Each UART has its own Baud Rate Generator (BRG) with a prescaler for the transmitter and receiver. The
prescaler is controlled by a software bit in the MCR register. The MCR register bit-7 sets the prescaler to divide
the input crystal or external clock by 1 or 4. The output of the prescaler clocks to the BRG. The BRG further
divides this clock by a programmable divisor between 1 and (216 - 0.0625) in increments of 0.0625 (1/16) to
obtain a 16X or 8X or 4X sampling clock of the serial data rate. The sampling clock is used by the transmitter
for data bit shifting and receiver for data sampling. The BRG divisor (DLL, DLM and DLD registers) defaults to
the value of ’1’ (DLL = 0x01, DLM = 0x00 and DLD = 0x00) upon reset. Therefore, the BRG must be
programmed during initialization to the operating data rate. The DLL and DLM registers provide the integer part
of the divisor and the DLD register provides the fractional part of the dvisior. Only the four lower bits of the DLD
are implemented and they are used to select a value from 0 (for setting 0000) to 0.9375 or 15/16 (for setting
1111). Programming the Baud Rate Generator Registers DLL, DLM and DLD provides the capability for
selecting the operating data rate. Table 5 shows the standard data rates available with a 24MHz crystal or
external clock at 16X clock rate. If the pre-scaler is used (MCR bit-7 = 1), the output data rate will be 4 times
less than that shown in Table 5. At 8X sampling rate, these data rates would double. Also, when using 8X
sampling mode, please note that the bit-time will have a jitter (+/- 1/16) whenever the DLD is non-zero and is
an odd number. At 4X sampling rate, these data rates would quadruple. When using a non-standard data rate
crystal or external clock, the divisor value can be calculated with the following equation(s):



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com