Electronic Components Datasheet Search
  English  ▼

X  

MAALSS0048PCS Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAALSS0048PCS
Description  Low Noise Amplifier 1400 - 2000 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAALSS0048PCS Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAALSS0048PCS Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAALSS0048PCS Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAALSS0048PCS Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAALSS0048PCS Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAALSS0048PCS Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAALSS0048PCS Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAALSS0048PCS Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAALSS0048PCS Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Low Noise Amplifier
1400 - 2000 MHz
Rev. V2
MAALSS0048
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Low Noise Figure: 1.6 dB
• High Input IP3: -6 dBm at 3 V, 6.5 mA bias
• High Gain: 18 dB
• Single Supply: +3 to +8 VDC
• Adjustable current: 3 to 20 mA with external
resistor
• Lead-Free SOT-26 Plastic Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of AM50-0006
Description
M/A-COM’s MAALSS0048 is a high dynamic range,
GaAs MMIC, low noise amplifier in a lead-free,
SOT-26 miniature surface mount, plastic package.
It employs external input matching to obtain
optimum noise figure performance and operating
frequency flexibility.
The MAALSS0048 also features flexible biasing to
control the current consumption vs. dynamic range
trade-off. The MAALSS0048 can operate from any
positive supply voltage in the 3 V to 8 V range. Its
current can be controlled over a range of 3 mA to 20
mA with an external resistor.
The MAALSS0048 is ideally suited for use where
low noise figure, high gain, high dynamic range, and
low power consumption are required.
Typical
applications included receiver front ends in PDC,
DCS-1800,
DCS-1900
and
other
PCN/PCS
applications. It is also useful as a gain block, buffer,
driver, and IF amplifier in both fixed or portable PDC
and PCN/PCS systems.
The MAALSS0048 is fabricated using a low-cost
0.5-micron gate length GaAs process. The process
features full passivation for increased performance
and reliability.
The MAALSS0048 is 100% RF
tested
to
ensure
performance
specification
compliance.
Pin Configuration
Pin No. Pin Name
Description
1
VDD
Positive supply voltage
2
GND
RF and DC Ground
3
RF Output
RF Output of the amplifier
4
GND
RF and DC Ground
5
REXT
CEXT
External Current Control
By-Pass Capacitor
6
RF Input
RF Input of the amplifier
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Functional Block Diagram
Ordering Information 1,2
Part Number
Package
MAALSS0048
SOT-26 Plastic Package
MAALSS0048TR-3000
3000 piece reel
MAALSS0048PDC
1400-1520 MHz
Designer’s Kit
MAALSS0048PCS
1700-2000 MHz
Designer’s Kit
1. Reference Application Note M513 for reel size information.
2. All sample boards include 5 loose parts.


Similar Part No. - MAALSS0048PCS

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAALSS0048PCS MACOM-MAALSS0048PCS Datasheet
262Kb / 8P
Low Noise Amplifier 1400 - 2000 MHz
logo
M/A-COM Technology Solu...
MAALSS0048PCS MA-COM-MAALSS0048PCS Datasheet
926Kb / 9P
Low Noise Amplifier
More results

Similar Description - MAALSS0048PCS

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0004 MACOM-AM50-0004 Datasheet
334Kb / 4P
High Dynamic Range Low Noise Amplifier 1400-2000 MHz
AM50-0006 MACOM-AM50-0006 Datasheet
358Kb / 7P
Low Noise Amplifier 1400 - 2000 MHz
logo
Mini-Circuits
ZRL-1150LN MINI-ZRL-1150LN Datasheet
184Kb / 1P
Low Noise Amplifier 50??500 to 1400 MHz
ZRL-2300 MINI-ZRL-2300 Datasheet
183Kb / 1P
Low Noise Amplifier 50??1400 to 2300 MHz
logo
Tyco Electronics
MAALSS0048 MACOM-MAALSS0048 Datasheet
262Kb / 8P
Low Noise Amplifier 1400 - 2000 MHz
AM50-0006 MACOM-AM50-0006_1 Datasheet
297Kb / 8P
Low Noise Amplifier 1400-2000 MHz
MAAMSS0045 MACOM-MAAMSS0045 Datasheet
262Kb / 6P
High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
logo
M/A-COM Technology Solu...
AM50-0004 MA-COM-AM50-0004 Datasheet
147Kb / 6P
High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
AM50-0006 MA-COM-AM50-0006 Datasheet
221Kb / 8P
Low Noise Amplifier 1400 - 2000 MHz
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com