Electronic Components Datasheet Search
  English  ▼

X  

ST432AS25RG Datasheet(PDF) 2 Page - Stanson Technology

Part # ST432AS25RG
Description  Adjustable Precision Shunt Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST432AS25RG Datasheet(HTML) 2 Page - Stanson Technology

  ST432AS25RG Datasheet HTML 1Page - Stanson Technology ST432AS25RG Datasheet HTML 2Page - Stanson Technology ST432AS25RG Datasheet HTML 3Page - Stanson Technology ST432AS25RG Datasheet HTML 4Page - Stanson Technology ST432AS25RG Datasheet HTML 5Page - Stanson Technology ST432AS25RG Datasheet HTML 6Page - Stanson Technology ST432AS25RG Datasheet HTML 7Page - Stanson Technology ST432AS25RG Datasheet HTML 8Page - Stanson Technology ST432AS25RG Datasheet HTML 9Page - Stanson Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ST432
Adjustable Precision Shunt Regulator
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
http://www.stansontech.com
ST432 2007. V1
PIN DESCRIPTION
Pin
Symbol
Description
1
R
REF
2
C
CATHODE
3
A
ANODE
ORDERING INFORMATION
Part Number
Voltage Tolerance
Package
Part Marking
ST432AS23RG
0.5%
SOT-23
32AYW
ST432BS23RG
1.0%
SOT-23
32BYW
ST432AS25RG
0.5%
SOT-23-5L
32AYW
ST432BS25RG
1.0%
SOT-23-5L
32BYW
ST432BT92AG
1.0%
TO-92
SP432B
ST432AS35RG
0.5%
SOT-353
32AYW
ST432BS35RG
1.0%
SOT-353
32BYW
※
Week Code : A ~ Z ( 1 ~ 26 ) ; a ~ z ( 27 ~ 52 )
※
ST432XS23RG : X: Tolerance; R: Tape Reel; A: Tape Ammo; G: Pb – Free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com