Electronic Components Datasheet Search
  English  ▼

X  

ST2341 Datasheet(PDF) 3 Page - Stanson Technology

Part # ST2341
Description  P Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST2341 Datasheet(HTML) 3 Page - Stanson Technology

  ST2341 Datasheet HTML 1Page - Stanson Technology ST2341 Datasheet HTML 2Page - Stanson Technology ST2341 Datasheet HTML 3Page - Stanson Technology ST2341 Datasheet HTML 4Page - Stanson Technology ST2341 Datasheet HTML 5Page - Stanson Technology ST2341 Datasheet HTML 6Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ST2341
P Channel Enhancement Mode MOSFET
-3.5A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
ST2341 2006. Rev.1
ELECTRICAL CHARACTERISTICS ( Ta = 25℃ Unless otherwise noted )
Parameter
Symbol
Condition
Min
Typ Max Unit
Static
Drain-Source Breakdown
Voltage
V(BR)DSS
VGS=0V,ID=-250uA
-20
V
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=-250uA -0.35
-0.9
V
Gate Leakage Current
IGSS
VDS=0V,VGS=±20V
±
100 nA
VDS=-20V,VGS=0V
-1
Zero Gate Voltage Drain
Current
IDSS
VDS=-20V,VGS=0V
TJ=55℃
-10
uA
On-State Drain Current
ID(on)
VDS≦-5V,VGS=-4.5V
-6
A
Drain-source On-Resistance
RDS(on)
VGS=-4.5V,ID=-3.3A
VGS=-2.5V,ID=-2.8A
VGS=-1.8V,ID=-2.3A
0.036
0.045
0.055
Forward Transconductance
gfs
VDS=-5V,ID=-4V
3.0
S
Diode Forward Voltage
VSD
IS=-1A,VGS=0V
-0.8 -1.2
V
Dynamic
Total Gate Charge
Qg
8.0
13
Gate-Source Charge
Qgs
1.2
Gate-Drain Charge
Qgd
VDS=-6V
VGS=-4.5V
ID≣-3.3A
2.2
nC
Input Capacitance
Ciss
700
Output Capacitance
Coss
160
Reverse Transfer
Capacitance
Crss
VDS=-6.0V
VGS=0V
F=1MHz
120
pF
15
25
Turn-On Time
td(on)
tr
35
55
60
90
Turn-Off Time
td(off)
tf
VDD=-6V
RL=6Ω
ID=-1.0A
VGEN=-4.5V
RG=6Ω
40
40
nS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com