Electronic Components Datasheet Search
  English  ▼

X  

ST3402 Datasheet(PDF) 1 Page - Stanson Technology

Part # ST3402
Description  N Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST3402 Datasheet(HTML) 1 Page - Stanson Technology

  ST3402 Datasheet HTML 1Page - Stanson Technology ST3402 Datasheet HTML 2Page - Stanson Technology ST3402 Datasheet HTML 3Page - Stanson Technology ST3402 Datasheet HTML 4Page - Stanson Technology ST3402 Datasheet HTML 5Page - Stanson Technology ST3402 Datasheet HTML 6Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ST3402
N Channel Enhancement Mode MOSFET
4A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
http://www.stansontech.com
ST3402 2006. V1
DESCRIPTION
ST3402 is the N-Channel logic enhancement mode power field effect transistor which is
produced using high cell density, DMOS trench technology. This high density process is
especially tailored to minimize on-state resistance. These devices are particularly
suited for low voltage application such as cellular phone and notebook computer power
management, other battery powered circuits, and low in-line power loss are required.
The product is in a very small outline surface mount package.
PIN CONFIGURATION
SOT-23-3L
1.Gate
2.Source
3.Drain
PART MARKING
SOT-23-3L
Y: Year Code
A: Week Code
ORDERING INFORMATION
Part Number
Package
Part Marking
ST3402S23RG
SOT-23-3L
A2YA
※
Week Code Code : A ~ Z(1~26) ; a ~ z(27~52)
※
ST3402S23RG
S23 : SOT-23-3L ; R : Tape Reel ; G : Pb – Free
FEATURE
30V/2.8A, RDS(ON) = 58mΩ
@VGS = 10V
30V/2.3A, RDS(ON) = 65mΩ
@VGS = 4.5V
30V/1.5A, RDS(ON) = 105mΩ
@VGS = 2.5V
Super high density cell design for
extremely low RDS(ON)
Exceptional on-resistance and maximum
DC current capability
SOT-23-3L package design
3
1
2
D
G
S
3
1
2
A2YA


Similar Part No. - ST3402

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
ST3402 VBSEMI-ST3402 Datasheet
481Kb / 9P
N-Channel 30-V (D-S) MOSFET
ST3402S23RG VBSEMI-ST3402S23RG Datasheet
482Kb / 9P
N-Channel 30-V (D-S) MOSFET
More results

Similar Description - ST3402

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com