Electronic Components Datasheet Search
  English  ▼

X  

ST6205CS23RG Datasheet(PDF) 1 Page - Stanson Technology

Part # ST6205CS23RG
Description  Low ESR Low Power High-Speed CMOS LDO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST6205CS23RG Datasheet(HTML) 1 Page - Stanson Technology

  ST6205CS23RG Datasheet HTML 1Page - Stanson Technology ST6205CS23RG Datasheet HTML 2Page - Stanson Technology ST6205CS23RG Datasheet HTML 3Page - Stanson Technology ST6205CS23RG Datasheet HTML 4Page - Stanson Technology ST6205CS23RG Datasheet HTML 5Page - Stanson Technology ST6205CS23RG Datasheet HTML 6Page - Stanson Technology ST6205CS23RG Datasheet HTML 7Page - Stanson Technology ST6205CS23RG Datasheet HTML 8Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ST6205
Low ESR Low Power High-Speed CMOS LDO
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
ST6205 2007. Rev. 1
DESCRIPTION
ST6205 series are highly precise, low noise, positive voltage LDO regulators
manufactured using CMOS processes, The series achieves high ripple rejection and low
dropout and consists of a standard voltage source, an error correction, current limiter
and a phase compensation circuit plus a driver transistor. Output voltage is selectable
in 50mV increments within a range of 1.5V~5.0V. The series is also compatible with
low ESR ceramic capacitors which give added output stability. This stability can be
maintained even during load fluctuations due to the excellent transient response of the
series. The current limiter’s feedback circuit also operates as a short protect for the
output current limiter and the output pin. The CE function enables the output to be
turned off, resulting in greatly reduced power consumption. ST6205 family is
compatible with low ESR capacitors. The current limiter’s feedback circuit also operates
as a short protect for the output current limiter.
PIN CONFIGURATION
SOT-23-3L / SOT-323
1.VSS
2.VOUT
3.VIN
PART MARKING
SOT-23-3L / SOT-323
X: Voltage Code
Y: Year Code
A: Process Code
APPLICATIONS
Battery Power Equipment
Cellular Phone
Digital Cameras
Computer Disk Drivers
Portable games
Communiction tools
FEATURE
Highly Accurate +/-2%
Dropout Voltage 300mV @100mA (3.0V type)
High Ripple Rejection 70dB (10kHz)
Low Power Consumption 20uA (TYP)
Maximum Output Current 150mA
Standby Current less than 0.1uA
Internal protector current limiter and short
protector
Small packages SOT-23-3L / SOT323, and other
required
3
1
2
VIN
VSS
VOUT
3
1
2
5XYA


Similar Part No. - ST6205CS23RG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST6200 STMICROELECTRONICS-ST6200 Datasheet
972Kb / 100P
8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
15-Jan-2001
ST6200C STMICROELECTRONICS-ST6200C Datasheet
972Kb / 100P
8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
15-Jan-2001
ST6200C STMICROELECTRONICS-ST6200C Datasheet
1Mb / 100P
8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
01-Jan-1970
ST6200C STMICROELECTRONICS-ST6200C Datasheet
3Mb / 100P
8-bit MCUs with A/D converter, two timers, oscillator safeguard & safe reset
Oct-2009
ST6200CB1 STMICROELECTRONICS-ST6200CB1 Datasheet
472Kb / 70P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, OSCILLATOR SAFEGUARD, SAFE RESET AND 16 PINS
Rev. 2.8
More results

Similar Description - ST6205CS23RG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM2838 ETC-CM2838 Datasheet
193Kb / 10P
300mA LOW ESR CMOS LDO WITH ENABLE
logo
Champion Microelectroni...
CM2836 CHAMP-CM2836 Datasheet
401Kb / 11P
300mA LOW ESR CMOS LDO WITH ENABLE
logo
SYNC POWER Crop.
SP2524 SYNC-POWER-SP2524 Datasheet
432Kb / 10P
Low ESR Cap. & Low Power High-speed CMOS LDO With CE Pin
SP2525 SYNC-POWER-SP2525 Datasheet
425Kb / 10P
Low ESR Cap. & Low Power High-speed CMOS LDO
logo
Champion Microelectroni...
CM2836 CHAMP-CM2836_09 Datasheet
313Kb / 11P
300mA LOW ESR CMOS LDO WITH ENABLE
CM2838 CHAMP-CM2838 Datasheet
328Kb / 10P
300mA LOW ESR CMOS LDO WITH ENABLE
logo
Advanced Monolithic Sys...
AMS6211 AMS-AMS6211 Datasheet
1Mb / 5P
LOW ESR CAPS COMPATIBLE HIGH SPEED LDO VOLTAGE REGULATOR
AMS6221 AMS-AMS6221 Datasheet
1Mb / 3P
LOW ESR CAPS COMPATIBLE HIGH SPEED LDO VOLTAGE REGULATOR
logo
Will Semiconductor Ltd.
WL2808E WILLSEMI-WL2808E Datasheet
1Mb / 9P
Low noise, High PSRR, High speed, CMOS LDO
WL2836E WILLSEMI-WL2836E Datasheet
4Mb / 15P
Low noise, High PSRR, High speed, CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com