Electronic Components Datasheet Search
  English  ▼

X  

SMB214A Datasheet(PDF) 3 Page - Summit Microelectronics, Inc.

Part # SMB214A
Description  High-power, Three-channel Programmable DC-DC System Power Managers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB214A Datasheet(HTML) 3 Page - Summit Microelectronics, Inc.

  SMB214A Datasheet HTML 1Page - Summit Microelectronics, Inc. SMB214A Datasheet HTML 2Page - Summit Microelectronics, Inc. SMB214A Datasheet HTML 3Page - Summit Microelectronics, Inc. SMB214A Datasheet HTML 4Page - Summit Microelectronics, Inc. SMB214A Datasheet HTML 5Page - Summit Microelectronics, Inc. SMB214A Datasheet HTML 6Page - Summit Microelectronics, Inc. SMB214A Datasheet HTML 7Page - Summit Microelectronics, Inc. SMB214A Datasheet HTML 8Page - Summit Microelectronics, Inc. SMB214A Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
SMB214A/B/C
Summit Microelectronics, Inc
2128 2.0 6/20/2008
3
TYPICAL APPLICATION
Figure 2 – Typical application schematic
SMB214A/B/C
COMP2_CH2
VM_CH2
GND
VBATT
SDA
SCL
+0.8V to VIN @ 5A
VIN: +2.7V to +6.0V
VDDCAP
HVSUP2
PWREN
LSDRV_CH2
COMP1_CH2
HSDRV_CH2
COMP2_CH1
VM_CH1
+0.8V to VIN @ 5A
HVSUP1
LSDRV_CH1
COMP1_CH1
HSDRV_CH1
COMP2_CH0
VM_CH0
+0.8V to VIN @ 5A
HVSUP0
LSDRV_CH0
COMP1_CH0
HSDRV_CH0
HEALTHY/
nRESET
HOST_
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com