Electronic Components Datasheet Search
  English  ▼

X  

SMB329 Datasheet(PDF) 1 Page - Summit Microelectronics, Inc.

Part # SMB329
Description  Programmable Switch-mode, Li Battery Chargers with TurboCharge Mode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB329 Datasheet(HTML) 1 Page - Summit Microelectronics, Inc.

  SMB329 Datasheet HTML 1Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMB329/SMB339
Preliminary Information
© SUMMIT Microelectronics, Inc. 2004 • 757 N. Mary Avenue • Sunnyvale CA 94085 • Phone 408 523-1000 • FAX 408 523-1266
http://www.summitmicro.com/
2132 2.6 5/5/2009
1
Programmable Switch-mode, Li+ Battery Chargers with TurboCharge™ Mode, USB “On-
the-Go” Power, USB Power Source Detection and Automatic Input Current Limiting
INTRODUCTION
•
Automatic input current limit *
•
Optional automatic power source detection per latest USB
charging specification 1.0
•
USB or AC input with programmable input current limiting
•
Up to 1.25A continuous charging current from AC adapter
•
Up to 750mA charging current from 500mA USB port using
automatic TurboCharge™ mode *
•
+4.35 to +6.2V input range (+18V input protected)
•
USB “On-the-Go” Power support for USB OTG enabled
devices (+5V reverse output @ 500mA)
•
50mA SYSON output for “dead battery” boot-up (SMB329)
•
Analog output voltage for direct charge current measurement
•
Reverse current blocking
•
High-efficiency 3MHz current-mode step-down regulator
•
Integrated frequency compensation and power MOSFETs
•
High-accuracy float voltage regulation: 1%
•
Pre-charge and complete-charge safety timers
•
Battery pack thermal monitor
•
Digital programming of all major parameters via I
2C interface
(One-time programmable for default, non-volatile settings)
o
Fast charge voltage threshold, float voltage
o
Pre-charge, fast charge, termination current
•
Status register monitors and flags charger operation
o
Charge in-progress/termination
o
Charge timer fault
o
Over-current limiting
o
UV/OV detection/shutdown
•
1.95mm x 2.22mm CSP-20 package (0.4mm pitch lead-free)
Applications
•
2.5G/3G/GSM/CDMA Phones
•
Smartphones/PDAs
•
Portable Media Players
•
Portable GPS Terminals
•
Handheld Game Consoles
The SMB329 and SMB339 are programmable single-cell lithium-ion/lithium-
polymer battery chargers designed for a variety of portable applications.
The devices provide a simple and efficient way to charge high-capacity Li-
Ion batteries via a USB or AC adapter input. Furthermore, the SMB329 and
SMB339 are able to automatically adjust input current level by detecting the
AC/DC adapter’s maximum stable output current, thereby automatically
matching wall adapter to electronic device.
Unlike conventional devices, the SMB329’s and SMB339’s high-efficiency,
switch-mode operation eliminates the thermal problems of conventional
linear solutions. Also the buck converter architecture effectively multiplies
the input current to increase charge rate for the Li+ cell and uses current
limited supplies like USB more efficiently. A 50mA SYSON switch output
provides a bypass power supply to boot the system for “instant on” without
waiting for charging in case of a dead battery (SMB329 only). Both products
also support USB On-the-Go devices by providing the required USB-OTG
+5V power supply using the Li-Ion battery as a source.
The SMB329 and SMB339 can switch between USB mode and AC Adapter
mode and work seamlessly in conjunction with a USB controller.
Furthermore, they offer the option to automatically differentiate an AC/DC
wall adapter from a USB2.0 hub via the D+/D- USB lines, making them
compatible with USB battery charging specification 1.0.
Charge control includes qualification, trickle-charge, pre-charge, constant
current/constant voltage, float voltage and termination/safety settings that
are fully programmable via a serial I2C/SMBus, making the devices truly a
flexible solution. Fast charge current level can be set via I2C (limited in USB
mode to ensure 100mA or 500mA input). Built-in is reverse-current blocking
to prevent inadvertent cell discharge. The SMB329 and SMB339 offer the
option to automatically charge the battery only when the battery voltage is
below a selectable “dead-battery” threshold. High-frequency operation and
integrated power FETs contribute to a reduced external component count
and size.
The SMB329 and SMB339 also offer several features that protect the
battery pack as well as the charger and input circuitry: over-current,
under/over-voltage and thermal protection. Ultra-accurate, 1% battery float
voltage control improves battery capacity utilization. The STAT output is an
interrupt to flag various status/flag events (programmable selection) and the
status register can be read via the serial port. The SMB329 and SMB339
are available in an ultra-compact lead-free uCSP-20 package and are rated
over the –30C to +85C temperature range. The SMB329 is also offered in a
4x4 QFN-24 package.
SYSTEM APPLICATION
FEATURES & APPLICATIONS
Handheld System
USB
USB
USB
500mA
4.35V-5.5V
AC/DC
300-1800mA
4.5V-6.0V
I2C
System
SMB329
SMB339
Li-Ion
USB
Total Output
550-1250mA
To System
USB-OTG
Output 500mA
"Instant On" Power 50mA (SMB329)
ADC
Figure 1 – Using the SMB329/339 to charge a single cell Li+ battery from USB or AC Adapter power sources.
* Patents pending


Similar Part No. - SMB329

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
SMB30 LITEON-SMB30 Datasheet
37Kb / 4P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMB30 MIC-SMB30 Datasheet
74Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMB30 LUGUANG-SMB30 Datasheet
164Kb / 4P
600Watts Surface Mount Transient Voltage Suppressor
logo
Allied Components Inter...
SMB30-RC ALLIED-SMB30-RC Datasheet
249Kb / 1P
Surface Mount Beads
SMB30-RC ALLIED-SMB30-RC Datasheet
237Kb / 1P
Surface Mount Beads
More results

Similar Description - SMB329

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3801 AD-ADP3801 Datasheet
256Kb / 20P
High Frequency Switch Mode Dual Li-Ion Battery Chargers
REV.0
logo
Linear Technology
LTC4002-4.2 LINER-LTC4002-4.2 Datasheet
204Kb / 16P
Standalone Li-Ion Switch Mode Battery Charger
logo
Maxim Integrated Produc...
MAX1925 MAXIM-MAX1925 Datasheet
443Kb / 16P
Switch-Mode 1-Cell Li Chargers
Rev 1; 10/02
logo
Summit Microelectronics...
SMB138 SUMMIT-SMB138 Datasheet
412Kb / 2P
Programmable Switch-mode, USB/AC Input Li Battery Charger with TurboCharge
logo
Maxim Integrated Produc...
MAX8900A MAXIM-MAX8900A Datasheet
4Mb / 35P
1.2A Switch-Mode Li Chargers with 짹22V Input Rating and JEITA Battery Temperature Monitoring
19-5063; Rev 1; 3/10
MAX8900A MAXIM-MAX8900A_11 Datasheet
4Mb / 35P
1.2A Switch-Mode Li Chargers with 짹22V Input Rating and JEITA Battery Temperature Monitoring
Rev 3; 1/11
logo
Summit Microelectronics...
SMB135 SUMMIT-SMB135_08 Datasheet
623Kb / 34P
Programmable Switch-mode, USB/AC Input Li Battery Charger with TurboCharge Mode
logo
Analog Devices
ADP3801 AD-ADP3801_15 Datasheet
259Kb / 20P
High Frequency Switch Mode Dual Li-Ion Battery Chargers
REV. 0
ADP3802 AD-ADP3802_15 Datasheet
259Kb / 20P
High Frequency Switch Mode Dual Li-Ion Battery Chargers
REV. 0
logo
Maxim Integrated Produc...
MAX8900A MAXIM-MAX8900A_V01 Datasheet
3Mb / 35P
1.2A Switch-Mode Li Chargers with 짹22V Input Rating and JEITA Battery Temperature Monitoring
2014
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com