Electronic Components Datasheet Search
  English  ▼

X  

SP433AS25RGB Datasheet(PDF) 5 Page - SYNC POWER Crop.

Part # SP433AS25RGB
Description  Constant Voltage and Constant Current Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SP433AS25RGB Datasheet(HTML) 5 Page - SYNC POWER Crop.

  SP433AS25RGB Datasheet HTML 1Page - SYNC POWER Crop. SP433AS25RGB Datasheet HTML 2Page - SYNC POWER Crop. SP433AS25RGB Datasheet HTML 3Page - SYNC POWER Crop. SP433AS25RGB Datasheet HTML 4Page - SYNC POWER Crop. SP433AS25RGB Datasheet HTML 5Page - SYNC POWER Crop. SP433AS25RGB Datasheet HTML 6Page - SYNC POWER Crop. SP433AS25RGB Datasheet HTML 7Page - SYNC POWER Crop. SP433AS25RGB Datasheet HTML 8Page - SYNC POWER Crop. SP433AS25RGB Datasheet HTML 9Page - SYNC POWER Crop. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2009/03/16
Ver.1
Page 5
SP433
Constant Voltage and Constant Current Controller
APPLICATION NOTE
In the above application, SP433 is used to provide an accurate control of voltage and current. The voltage loop is
controlled through an internal error amplifier, the resistor bridge R1, R2 and the photo-coupler. The relation
between Vout, R1, R2 and Vref is shown in:
Vout = Vref x (1+R1/R2)
The current loop is controlled through an internal transistor, the sense resistor and the photo-coupler. The control
equation is:
Risense X I-limit = 0.7V (typical)
Where I-limit is the desired current limit. The selection of Risense should consider the power loss through Risense. It
is calculated as:
P-limit = 0.7 X I-limit
Whether AC input is at High Line or Low Line, SP433 can provide the same current protection. It has the fuse
function at the output.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com